Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD114804A Datasheet (PDF) - Advanced Linear Devices

ALD114804A Datasheet PDF - Advanced Linear Devices
Part # ALD114804A
Download  ALD114804A Download
File Size   112.75 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY

ALD114804A Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD114804A Datasheet PDF - Advanced Linear Devices

Part # ALD114804A
Download  ALD114804A Click to download

File Size   112.75 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY

ALD114804A Datasheet (HTML) - Advanced Linear Devices


ALD114804A Product details

GENERAL DESCRIPTION
ALD114804A/ALD114804/ALD114904A/ALD114904 are high precision monolithic
quad/dual depletion mode N-Channel MOSFETs matched at the factory using
ALD’s proven EPAD® CMOS technology. These devices are intended for low
voltage, small signal applications. They are excellent functional replacements for
normally-closed relay applications, as they are normally on (conducting) without
any power applied, but could be turned off or modulated when system power
supply is turned on. These MOSFETS have the unique characteristics of, when
the gate is grounded, operating in the resistance mode for low drain voltage levels
and in the current source mode for higher voltage levels and providing a constant
drain current.
ALD114804A/ALD114804/ALD114904A/ALD114904 MOSFETs are designed for
exceptional device electrical characteristics matching. As these devices are on
the same monolithic chip, they also exhibit excellent temperature tracking characteristics.
They are versatile as design components for a broad range of analog
applications, such as basic building blocks for current sources, differential amplifier
input stages, transmission gates, and multiplexer applications. Besides
matched pair electrical characteristics, each individual MOSFET also exhibits well
controlled parameters, enabling the user to depend on tight design limits corresponding
to well matched characteristics.
These depletion mode devices are built for minimum offset voltage and differential
thermal response, and they are suitable for switching and amplifying applications
in single supply (0.4V to +5V) or dual supply (+/-0.4V to +/-5V) systems
where low input bias current, low input capacitance and fast switching speed are
desired. These devices exhibit well controlled turn-off and sub-threshold
charactersitics and therefore can be used in designs that depend on sub-threshold
characteristics.
The ALD114804A/ALD114804/ALD114904A/ALD114904 are suitable for use in
precision applications which require very high current gain, beta, such as current
mirrors and current sources. A sample calculation of the DC current gain at a drain
current of 3mA and input leakage current of 30pA at 25°C is 3mA/30pA =
100,000,000. For most applications, connect the V+ pin to the most positive voltage
and the V- and IC pins to the most negative voltage in the system. All other
pins must have voltages within these voltage limits at all times.

ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
• Depletion mode (normally ON)
• Precision Gate Threshold Voltages: -0.40V +/-0.02V
• Nominal RDS(ON) @ VGS = 0.0V of 5.4KΩ
• Matched MOSFET-to-MOSFET characteristics
• Tight lot-to-lot parametric control
• Low input capacitance
• VGS(th) match (VOS) — 20mV
• High input impedance — 1012Ω typical
• Positive, zero, and negative VGS(th) temperature coefficient
• DC current gain >108
• Low input and output leakage currents
FEATURES

VAPPLICATIONS
• Functional replacement of Form B (NC) relays
• Ultra low power (nanowatt) analog and digital
circuits
• Ultra low operating voltage (<0.2V) analog and
digital circuits
• Sub-threshold biased and operated circuits
• Zero power fail safe circuits in alarm systems
• Backup battery circuits
• Power failure and fail safe detector
• Source followers and high impedance buffers
• Precision current mirrors and current sources
• Capacitives probes and sensor interfaces
• Charge detectors and charge integrators
• Differential amplifier input stage
• High side switches
• Peak detectors and level shifters
• Sample and Hold
• Current multipliers
• Discrete analog switches and multiplexers
• Discrete voltage comparators




Similar Part No. - ALD114804A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114804A ALD-ALD114804A Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804A ALD-ALD114804A Datasheet
127Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804A ALD-ALD114804A Datasheet
112Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
ALD114804APC ALD-ALD114804APC Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804APCL ALD-ALD114804APCL Datasheet
127Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
More results


Similar Description - ALD114804A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804_12 Datasheet
127Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD210808 ALD-ALD210808_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD310702A ALD-ALD310702A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310704A ALD-ALD310704A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com