Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1726G Datasheet (PDF) - Advanced Linear Devices

ALD1726G Datasheet PDF - Advanced Linear Devices
Part # ALD1726G
Download  ALD1726G Download
File Size   104.4 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER

ALD1726G Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1726G Datasheet PDF - Advanced Linear Devices

Part # ALD1726G
Download  ALD1726G Click to download

File Size   104.4 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER

ALD1726G Datasheet (HTML) - Advanced Linear Devices


ALD1726G Product details

GENERAL DESCRIPTION
The ALD1726/ALD1726G is a monolithic precision CMOS ultra
micropower high slew-rate, high performance operational amplifier
intended for a broad range of analog applications using ±1V to ±5V dual
power supply systems, as well as +2V to +10V battery operated
systems. All device characteristics are specified for +5V single supply
or ±2.5V dual supply systems. Supply current is 40mA maximum at 5V
supply voltage.
The ALD1726/ALD1726G is designed to offer high performance for a
wide range of applications requiring very low power dissipation. It has
been developed specifically for the +5V single battery or ±1V to ±5V dual
battery user and offers the popular industry standard single operational
amplifier pin configuration.
Several important characteristics of the device make application easier
to implement at those voltages. First, the operational amplifier can
operate with rail to rail input and output voltages. This means the signal
input voltage and output voltage can be close to or equal to the positive
and negative supply voltages. This feature allows numerous analog
serial stages and flexibility in input signal bias levels. Second, the
device was designed to accommodate mixed applications where digital
and analog circuits may operate off the same power supply or battery.
Third, the output stage can typically drive up to 25pF capacitive and
20KW resistive loads. These features, combined with extremely low
input currents, high open loop voltage gain of 100V/mV, useful bandwidth
of 400KHz, a slew rate of 0.17V/ms, low offset voltage and
temperature drift, make the ALD1726/ALD1726G a versatile,
micropower operational amplifier.
The ALD1726/ALD1726G, designed and fabricated with silicon gate
CMOS technology, offers 0.01 pA typical input bias current. On chip
offset voltage trimming allows the device to be used without nulling in
most applications.
The ALD1726/ALD1726G is also designed to offer tolerance to overvoltage
input spikes of 300mV beyond supply rails, high open loop
voltage gain, and robust operation at temperature extremes. Additionally,
robust design and rigorous screening make this device especially
suitable for operation in temperature-extreme environments and rugged
conditions.

FEATURES & BENEFITS
• Lead Free - RoHS compatible
• Robust high-temperature operation
• 20mA supply current
• All parameters specified for +5V single supply
or ± 2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required -- unity
gain stable
• Extremely low input bias currents -- 0.1pA
typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply ±1.0V to ±5.0V operation
• Single power supply +2V to +10V operation
• High voltage gain -- typically 100V/mV @
±2.5V (100dB)
• Drive as low as a 20KW load
• Output short circuit protected
• Unity gain bandwidth of 0.4MHz
• Slew rate of 0.17V/ms
• Suitable for rugged, temperature-extreme
environments

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Biochemical probe interface
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Precision Sample and Hold amplifiers
• Active filters
• Picoammeter
• Current to voltage converter




Similar Part No. - ALD1726G

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726DA ALD-ALD1726DA Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726EDA ALD-ALD1726EDA Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726EDA ALD-ALD1726EDA Datasheet
108Kb / 13P
EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Similar Description - ALD1726G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com