Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATI2301 Datasheet (PDF) - Analog Technologies, Inc.

ATI2301 Datasheet PDF - Analog Technologies, Inc.
Part # ATI2301
Download  ATI2301 Download
File Size   710.14 Kbytes
Page   13 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description ATI2301 DC-DC Converter

ATI2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATI2301 Datasheet PDF - Analog Technologies, Inc.

Part # ATI2301
Download  ATI2301 Click to download

File Size   710.14 Kbytes
Page   13 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description ATI2301 DC-DC Converter

ATI2301 Datasheet (HTML) - Analog Technologies, Inc.


ATI2301 Product details

FEATURES
 High Efficiency: up to 96%
 Internal Synchronous Rectifier
 Low Quiescent Current: 40μA
 Output current: up to 800mA
 High Switching Frequency: 1.5MHz
 Under-Voltage Lockout
 Soft Start
 Short Circuit Protection
 Small SOT23-5 Package
 Pb-Free

APPLICATIONS
This IC is widely used in various applications, such as
cellular phone, portable electronics, wireless devices,
cordless phone, computer Peripherals, Battery Powered
Widgets, Electronic Scales, Digital Frame, etc.

DESCRIPTION
The ATI2301 is a step-down current-mode, DC-DC
converter. At heavy load, it works at the constant frequency
PWM mode which has good stability and transient response.
To ensure the longest battery life under light load in portable
applications, the ATI2301 features a power-saving pulseskipping
modulation (PSM) mode, which reduces quiescent
current to save power.
It comes with an internal power switch and a synchronous
rectifier minimizing the external part count with high
efficiency. During shutdown, the input is disconnected from
the output and the shutdown current is less than 0.1 uA. To
prevent battery from being over discharged, it has a undervoltage
lockout circuit, to shut down the converter upon
detecting the input voltage below a preset value.
The ATI2301 has an input voltage from 2.5V to 5.5V,
allowing the use of a single Li+/Li-polymer cell battery,
multiple Alkaline/NiMH cell battery, USB port power, and
other 2.7 to 5V standard power sources. The output voltage
can be set from 0.6V to the input voltage, while the part
number suffix ATI2301-XX indicates a pre-set output
voltage versions: adjustable. The maximum output current
limit is 800mA.
The ATI2301 is available in a compact and easy soldering
SOT23-5 package.




Similar Part No. - ATI2301

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATI2305 ANALOGTECHNOLOGIES-ATI2305 Datasheet
1Mb / 15P
DC-DC Converter
4/9/2021
ATI2305AAB120 ANALOGTECHNOLOGIES-ATI2305AAB120 Datasheet
1Mb / 15P
DC-DC Converter
4/9/2021
ATI2305AAB150 ANALOGTECHNOLOGIES-ATI2305AAB150 Datasheet
1Mb / 15P
DC-DC Converter
4/9/2021
ATI2305AAB180 ANALOGTECHNOLOGIES-ATI2305AAB180 Datasheet
1Mb / 15P
DC-DC Converter
4/9/2021
ATI2305AAB250 ANALOGTECHNOLOGIES-ATI2305AAB250 Datasheet
1Mb / 15P
DC-DC Converter
4/9/2021
More results


Similar Description - ATI2301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com