Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATI2305 Datasheet (PDF) - Analog Technologies, Inc.

ATI2305 Datasheet PDF - Analog Technologies, Inc.
Part # ATI2305
Download  ATI2305 Download
File Size   1671.25 Kbytes
Page   15 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description DC-DC Converter

ATI2305 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATI2305 Datasheet PDF - Analog Technologies, Inc.

Part # ATI2305
Download  ATI2305 Click to download

File Size   1671.25 Kbytes
Page   15 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description DC-DC Converter

ATI2305 Datasheet (HTML) - Analog Technologies, Inc.


ATI2305 Product details

FEATURES
 Efficiency up to 96%
 Only 40μA (TYP.) Quiescent Current
 Output Current up to 1A
 Internal Synchronous Rectifier
 Switching Frequency: 1.5MHz
 Under-Voltage Lockout
 Soft Start
 Short Circuit Protection
 Thermal Shutdown
 5-pin Small SOT23-5, DFN2X2 6-Pin and QFN3X3
16-Pin Package
 Pb-Free Package

DESCRIPTION
The ATI2305 is a 1.5MHz switching frequency step-down
current-mode, DC-DC converter. With excellent stability and
transient response, the constant-frequency PWM control
works well at heavy load. There is a power-saving Pulse-
Skipping Modulation (PSM) mode in the ATI2305 which
can reduce quiescent current under light load operation to
save power and ensure the longest battery life in portable
applications.
The ATI2305 allows input voltages from 2.5V to 5.5V,
allowing the use of a single Li+/Li-polymer cell, multiple
Alkaline/NiMH cell, USB, and other standard power sources.
The output voltage can be adjustable from 0.6V to the input
voltage. The part number suffix ATI2305-XX indicates preset
output voltage of 3.3V, 2.8V, 2.5V, 1.8V, 1.5V, 1.2V or
adjustable. Internal power switch and synchronous rectifier
are used by all versions to minimize external part count and
realize high efficiency. During shutdown, the input is
disconnected from the output and the shutdown current is
less than 0.1μA. Other key features include under-voltage
lockout to prevent deep battery discharge.
Three packages are available for ATI2305: SOT23-5,
DFN2X2 6-Pin and QFN3X3 16-Pin.




Similar Part No. - ATI2305

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATI2301 ANALOGTECHNOLOGIES-ATI2301 Datasheet
710Kb / 13P
ATI2301 DC-DC Converter
4/9/2021
ATI2301AAABADJ ANALOGTECHNOLOGIES-ATI2301AAABADJ Datasheet
710Kb / 13P
ATI2301 DC-DC Converter
4/9/2021
More results


Similar Description - ATI2305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com