Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX618 Datasheet (PDF) - Maxim Integrated Products

MAX618 Datasheet PDF - Maxim Integrated Products
Part # MAX618_V01
Download  MAX618 Download
File Size   1548.79 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V Internal Switch, Step-Up DC-DC Converter

MAX618 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX618 Datasheet PDF - Maxim Integrated Products

Part # MAX618_V01
Download  MAX618 Click to download

File Size   1548.79 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V Internal Switch, Step-Up DC-DC Converter

MAX618 Datasheet (HTML) - Maxim Integrated Products


MAX618 Product details

General Description
The MAX618 CMOS, PWM, step-up DC-DC converter
generates output voltages up to 28V and accepts inputs
from +3V to +28V. An internal 2A, 0.3Ω switch eliminates
the need for external power MOSFETs while supplying
output currents up to 500mA or more. A PWM control
scheme combined with Idle Mode™ operation at light
loads minimizes noise and ripple while maximizing efficiency
over a wide load range. No-load operating current
is 500μA, which allows efficiency up to 93%.
A fast 250kHz switching frequency allows the use of
small surface-mount inductors and capacitors. A shutdown
mode extends battery life when the device is not in
use. Adaptive slope compensation allows the MAX618 to
accommodate a wide range of input and output voltages
with a simple, single compensation capacitor.
The MAX618 is available in a thermally enhanced 16-pin
QSOP package that is the same size as an industrystandard
8-pin SO but dissipates up to 1W. An evaluation
kit (MAX618EVKIT) is available to help speed designs.

Applications
●● Industrial +24V and +28V Systems
●● LCD Displays
●● Palmtop Computers

Features
●● Adjustable Output Voltage Up to +28V
●● Up to 93% Efficiency
●● Wide Input Voltage Range (+3V to +28V)
●● Up to 500mA Output Current at +12V
●● 500μA Quiescent Supply Current
●● 3μA Shutdown Current
●● 250kHz Switching Frequency
●● Small 1W, 16-Pin QSOP Package




Similar Part No. - MAX618_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX618EEE MAXIM-MAX618EEE Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
MAX618EEE+ MAXIM-MAX618EEE+ Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
MAX618 MAXIM-MAX618_09 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
More results


Similar Description - MAX618_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Advanced Monolithic Sys...
AMS6101 ADMOS-AMS6101 Datasheet
497Kb / 5P
2A SWITCH STEP-UP DC/DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618_09 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com