Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1162613 Datasheet (PDF) - PHOENIX CONTACT

1162613 Datasheet PDF - PHOENIX CONTACT
Part # 1162613
Download  1162613 Download
File Size   824.7 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling panel - PTRV 4 /SENSOR 4POL

1162613 Datasheet (PDF)

Go To PDF Page Download Datasheet
1162613 Datasheet PDF - PHOENIX CONTACT

Part # 1162613
Download  1162613 Click to download

File Size   824.7 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling panel - PTRV 4 /SENSOR 4POL

1162613 Datasheet (HTML) - PHOENIX CONTACT


1162613 Product details

Marshalling panel, nom. voltage: 250 V, nominal current: 10 A, connection method: Push-in
connection, 1st, 2nd, 3rd and 4th level, Rated cross section: 1.5 mm2, cross section: 0.14 mm2 -
2.5 mm2, mounting: NS 35/7,5, NS 35/15, color: gray, color of connection elements: white

Your advantages
• Color assignment of conductor and terminal point to ensure error-free, safe operation
• Tool-free wiring in a confined space thanks to compact size
• Connection marking for 4-pos. proximity switches (brown, white, blue, black) in accordance with IEC 60947-5-2
• The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry




Similar Part No. - 1162613

ManufacturerPart #DatasheetDescription
logo
Pro-Power
1162630050 PROPOWER-1162630050 Datasheet
152Kb / 2P
Cable Gland and Locknut
09/06/12 V1.1
logo
PHOENIX CONTACT
1162635 PHOENIX-1162635 Datasheet
122Kb / 7P
Flush-type connector - SACC-DSI-M12FSS-4P-M16XL/1,0PE
10/28/2020
1162690 PHOENIX-1162690 Datasheet
692Kb / 11P
DC charging cable - EV-T2M4CC-DC200A-7,0M50ESBK11
1162690 PHOENIX-1162690 Datasheet
49Kb / 2P
Control cabinet - CHARX PS-CAB/4X87.5KW
More results


Similar Description - 1162613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270120 PHOENIX-3270120 Datasheet
826Kb / 31P
Marshalling panel - PTRV 4 BU/RD
Jun 3, 2022
3270121 PHOENIX-3270121 Datasheet
825Kb / 31P
Marshalling panel - PTRV 4 /RD
May 17, 2022
3001871 PHOENIX-3001871 Datasheet
671Kb / 24P
Marshalling panel - PTRV 4 /COL-WH
Jun 3, 2022
3001874 PHOENIX-3001874 Datasheet
671Kb / 24P
Marshalling panel - PTRV 4 /WH-COL
Jun 3, 2022
3001875 PHOENIX-3001875 Datasheet
675Kb / 25P
Marshalling panel - PTRV 4 /COL-COL
Jun 2, 2022
3270115 PHOENIX-3270115 Datasheet
831Kb / 33P
Marshalling panel - PTRV 4 /WH
May 16, 2022
3270117 PHOENIX-3270117 Datasheet
823Kb / 31P
Marshalling panel - PTRV 4 /GY
May 16, 2022
3270119 PHOENIX-3270119 Datasheet
829Kb / 32P
Marshalling panel - PTRV 4 BU/WH
Jun 2, 2022
3270122 PHOENIX-3270122 Datasheet
826Kb / 32P
Marshalling panel - PTRV 4 /GN
Jun 16, 2022
3270123 PHOENIX-3270123 Datasheet
824Kb / 31P
Marshalling panel - PTRV 4 /YE
Jun 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com