Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1162613 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1162613
Description  Marshalling panel - PTRV 4 /SENSOR 4POL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1162613 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1162613 Datasheet HTML 1Page - PHOENIX CONTACT 1162613 Datasheet HTML 2Page - PHOENIX CONTACT 1162613 Datasheet HTML 3Page - PHOENIX CONTACT 1162613 Datasheet HTML 4Page - PHOENIX CONTACT 1162613 Datasheet HTML 5Page - PHOENIX CONTACT 1162613 Datasheet HTML 6Page - PHOENIX CONTACT 1162613 Datasheet HTML 7Page - PHOENIX CONTACT 1162613 Datasheet HTML 8Page - PHOENIX CONTACT 1162613 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Marshalling panel, nom. voltage: 250 V, nominal current: 10 A, connection method: Push-in
connection, 1st, 2nd, 3rd and 4th level, Rated cross section: 1.5 mm2, cross section: 0.14 mm2 -
 2.5 mm2, mounting: NS 35/7,5, NS 35/15, color: gray, color of connection elements: white
Your advantages
Color assignment of conductor and terminal point to ensure error-free, safe operation
•
Tool-free wiring in a confined space thanks to compact size
•
Connection marking for 4-pos. proximity switches (brown, white, blue, black) in accordance with IEC 60947-5-2
•
The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry
•
Marshalling panel - PTRV 4 /SENSOR 4POL
1162613
https://www.phoenixcontact.com/us/products/1162613
Jun 24, 2022, 6:51 AM
Page 1 (31)


Similar Part No. - 1162613

ManufacturerPart #DatasheetDescription
logo
Pro-Power
1162630050 PROPOWER-1162630050 Datasheet
152Kb / 2P
Cable Gland and Locknut
09/06/12 V1.1
logo
PHOENIX CONTACT
1162635 PHOENIX-1162635 Datasheet
122Kb / 7P
Flush-type connector - SACC-DSI-M12FSS-4P-M16XL/1,0PE
10/28/2020
1162690 PHOENIX-1162690 Datasheet
692Kb / 11P
DC charging cable - EV-T2M4CC-DC200A-7,0M50ESBK11
1162690 PHOENIX-1162690 Datasheet
49Kb / 2P
Control cabinet - CHARX PS-CAB/4X87.5KW
More results

Similar Description - 1162613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270120 PHOENIX-3270120 Datasheet
826Kb / 31P
Marshalling panel - PTRV 4 BU/RD
Jun 3, 2022
3270121 PHOENIX-3270121 Datasheet
825Kb / 31P
Marshalling panel - PTRV 4 /RD
May 17, 2022
3001871 PHOENIX-3001871 Datasheet
671Kb / 24P
Marshalling panel - PTRV 4 /COL-WH
Jun 3, 2022
3001874 PHOENIX-3001874 Datasheet
671Kb / 24P
Marshalling panel - PTRV 4 /WH-COL
Jun 3, 2022
3001875 PHOENIX-3001875 Datasheet
675Kb / 25P
Marshalling panel - PTRV 4 /COL-COL
Jun 2, 2022
3270115 PHOENIX-3270115 Datasheet
831Kb / 33P
Marshalling panel - PTRV 4 /WH
May 16, 2022
3270117 PHOENIX-3270117 Datasheet
823Kb / 31P
Marshalling panel - PTRV 4 /GY
May 16, 2022
3270119 PHOENIX-3270119 Datasheet
829Kb / 32P
Marshalling panel - PTRV 4 BU/WH
Jun 2, 2022
3270122 PHOENIX-3270122 Datasheet
826Kb / 32P
Marshalling panel - PTRV 4 /GN
Jun 16, 2022
3270123 PHOENIX-3270123 Datasheet
824Kb / 31P
Marshalling panel - PTRV 4 /YE
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com