Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273982 Datasheet (PDF) - PHOENIX CONTACT

3273982 Datasheet PDF - PHOENIX CONTACT
Part # 3273982
Download  3273982 Download
File Size   481.43 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X4-G VT

3273982 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273982 Datasheet PDF - PHOENIX CONTACT

Part # 3273982
Download  3273982 Click to download

File Size   481.43 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X4-G VT

3273982 Datasheet (HTML) - PHOENIX CONTACT


3273982 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: adhesive, color: violet

Your advantages
• Clear arrangement thanks to marking of all terminal points
• Convenient test options, thanks to test openings at every terminal point
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving, thanks to the compact design
• Space-saving potential distribution, thanks to compact micro potential distributors




Similar Part No. - 3273982

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273980 PHOENIX-3273980 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4-G BK
3273983 PHOENIX-3273983 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G PK
Jun 24, 2022
3273984 PHOENIX-3273984 Datasheet
483Kb / 19P
Distribution block - PTFIX 18X4-G OG
Jun 24, 2022
3273986 PHOENIX-3273986 Datasheet
492Kb / 19P
Distribution block - PTFIX 18X4-FE-G
Jun 24, 2022
3273988 PHOENIX-3273988 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G GY
More results


Similar Description - 3273982

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273718 PHOENIX-3273718 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A VT
3273850 PHOENIX-3273850 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4 VT
3273972 PHOENIX-3273972 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-G YE
3273980 PHOENIX-3273980 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4-G BK
3273974 PHOENIX-3273974 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G GN
Jun 27, 2022
3273586 PHOENIX-3273586 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 VT
Jun 22, 2022
3274048 PHOENIX-3274048 Datasheet
473Kb / 18P
Distribution block - PTFIX 10/18X4-G VT
Jul 29, 2022
3273784 PHOENIX-3273784 Datasheet
483Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A VT
Nov 30, 2022
3273652 PHOENIX-3273652 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 VT
Sep 8, 2022
3273916 PHOENIX-3273916 Datasheet
545Kb / 21P
Distribution block - PTFIX 10/18X4 VT
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com