Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3274048 Datasheet (PDF) - PHOENIX CONTACT

3274048 Datasheet PDF - PHOENIX CONTACT
Part # 3274048
Download  3274048 Download
File Size   473.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4-G VT

3274048 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274048 Datasheet PDF - PHOENIX CONTACT

Part # 3274048
Download  3274048 Click to download

File Size   473.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4-G VT

3274048 Datasheet (HTML) - PHOENIX CONTACT


3274048 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 32 A, connection
method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection,
Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type:
adhesive, color: violet

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3274048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274040 PHOENIX-3274040 Datasheet
474Kb / 18P
Distribution block - PTFIX 10/18X4-G GN
Jul 29, 2022
3274042 PHOENIX-3274042 Datasheet
473Kb / 18P
Distribution block - PTFIX 10/18X4-G BN
Jul 29, 2022
3274044 PHOENIX-3274044 Datasheet
473Kb / 18P
Distribution block - PTFIX 10/18X4-G WH
Jul 29, 2022
3274046 PHOENIX-3274046 Datasheet
472Kb / 18P
Distribution block - PTFIX 10/18X4-G BK
Jul 20, 2022
3274049 PHOENIX-3274049 Datasheet
473Kb / 18P
Distribution block - PTFIX 10/18X4-G PK
Jul 29, 2022
More results


Similar Description - 3274048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273718 PHOENIX-3273718 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A VT
3273850 PHOENIX-3273850 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4 VT
3273982 PHOENIX-3273982 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G VT
Jun 24, 2022
3273586 PHOENIX-3273586 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 VT
Jun 22, 2022
3274036 PHOENIX-3274036 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/18X4-G RD
Jun 24, 2022
3274038 PHOENIX-3274038 Datasheet
476Kb / 18P
Distribution block - PTFIX 10/18X4-G YE
Jul 29, 2022
3274046 PHOENIX-3274046 Datasheet
472Kb / 18P
Distribution block - PTFIX 10/18X4-G BK
Jul 20, 2022
3273784 PHOENIX-3273784 Datasheet
483Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A VT
Nov 30, 2022
3273652 PHOENIX-3273652 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 VT
Sep 8, 2022
3273916 PHOENIX-3273916 Datasheet
545Kb / 21P
Distribution block - PTFIX 10/18X4 VT
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com