Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT202KY Datasheet (PDF) - Analog Technologies, Inc.

AT202KY Datasheet PDF - Analog Technologies, Inc.
Part # AT202KY
Download  AT202KY Download
File Size   269.96 Kbytes
Page   5 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Isolation Amplifier

AT202KY Datasheet (PDF)

Go To PDF Page Download Datasheet
AT202KY Datasheet PDF - Analog Technologies, Inc.

Part # AT202KY
Download  AT202KY Click to download

File Size   269.96 Kbytes
Page   5 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Isolation Amplifier

AT202KY Datasheet (HTML) - Analog Technologies, Inc.


AT202KY Product details

FEATURES
 Isolated Power Outputs
 Small Size: 4 Channels/lnch Low
 Uncommitted Input Amplifier
 High CMR: 130dB (Gain = 100V/V)
 High Accuracy: ±0.01% Max Nonlinearity
 High CMV Isolation: ±2000V Continuous

APPLICATIONS
It can be applied for multichannel data acquisition, current
shunt measurements motor controls, process signal isolation,
high voltage instrumentation amplifier, etc.

DESCRIPTION
Upgraded Drop-in Replacement for AD202KY
The AT202KY is a high voltage isolation amplifier designed
for multiple applications where input signals are measured,
processed, or transmitted without a galvanic connection.
These isolation amplifiers in SIP package offer a signal and
power isolation function.
With internal transformer-coupling, the AT202KY provides
total galvanic isolation between the input and output stages
of the isolation amplifier. These amplifiers eliminate the
need for an external DC-DC converter, which allows the
designer to minimize the necessary circuit overhead, thus
reducing the overall design and component costs.
The AT202KY is powered directly from a 15V DC power
supply, featuring small size, high accuracy, low power, wide
bandwidth, excellent performance, flexible input, isolated
power, etc.




Similar Part No. - AT202KY

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


Similar Description - AT202KY

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202JY ANALOGTECHNOLOGIES-AT202JY Datasheet
267Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202JN ANALOGTECHNOLOGIES-ATIA202JN Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KN ANALOGTECHNOLOGIES-ATIA202KN Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KNL ANALOGTECHNOLOGIES-ATIA202KNL Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com