Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5005 Datasheet (PDF) - Analog Technologies, Inc.

AT5005 Datasheet PDF - Analog Technologies, Inc.
Part # AT5005
Download  AT5005 Download
File Size   286.5 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Isolation Amplifier

AT5005 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT5005 Datasheet PDF - Analog Technologies, Inc.

Part # AT5005
Download  AT5005 Click to download

File Size   286.5 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Isolation Amplifier

AT5005 Datasheet (HTML) - Analog Technologies, Inc.


AT5005 Product details

FEATURES
 Isolated Power Outputs
 Small Size
 Uncommitted Input Amplifier
 High CMR: 130dB (Gain = 100V/V)
 High Accuracy: ±0.05% Max Nonlinearity
 High CMV Isolation: ±50,000V pk Continuous

APPLICATIONS
It can be applied for multichannel data acquisition, current
shunt measurements motor controls, process signal isolation,
high voltage instrumentation amplifier, etc.

DESCRIPTION
The AT5005 is a high voltage isolation amplifier designed for
multiple applications where input signals are measured,
processed, or transmitted without a galvanic connection.
These isolation amplifiers in SIP or DIP package offer a
signal and power isolation function.
With internal transformer-coupling, the AT5005 provides
total galvanic isolation between the input and output stages
of the isolation amplifier. These amplifiers eliminate the need
for an external DC-DC converter, which allows the designer
to minimize the necessary circuit overhead, thus reducing the
overall design and component costs.
The AT5005 is powered directly from a 15V DC power
supply, featuring small size, high accuracy, low power, wide
bandwidth, excellent performance, flexible input, isolated
power, etc.




Similar Part No. - AT5005

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AT500-22-10 SENSATA-AT500-22-10 Datasheet
8Mb / 17P
SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
Rev:06/04/19
logo
Atom Lighting
AT5007 ATOM-AT5007 Datasheet
513Kb / 2P
7W LED Stainless steel up/down wall light
21.02.20
More results


Similar Description - AT5005

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202JY ANALOGTECHNOLOGIES-AT202JY Datasheet
267Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KY ANALOGTECHNOLOGIES-AT202KY Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202JN ANALOGTECHNOLOGIES-ATIA202JN Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KN ANALOGTECHNOLOGIES-ATIA202KN Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KNL ANALOGTECHNOLOGIES-ATIA202KNL Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com