Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF600 Datasheet (PDF) - Schurter Inc.

TF600 Datasheet PDF - Schurter Inc.
Part # TF600
Download  TF600 Download
File Size   1211.5 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom

TF600 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF600 Datasheet PDF - Schurter Inc.

Part # TF600
Download  TF600 Click to download

File Size   1211.5 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom

TF600 Datasheet (HTML) - Schurter Inc.


TF600 Product details

Technical Data
Rated Voltage 600 VAC, 125 VDC
Rated current 0.5 - 2 A
Breaking Capacity 60 A
Characteristic Time-Lag T
Mounting PCB,SMT
Admissible Ambient Air Temp. -55 °C to 125 °C
Climatic Category 55/125/21 acc. to IEC 60068-1
Material: Housing Ceramic
Material: Terminals Tin-Plated Copper Alloy
Unit Weight 0.23 g
Storage Conditions 0 °C to 60 °C, max. 70% r.h.
Product Marking , Type, Current, Characteristic
Soldering Methods Reflow
Solderability 245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat 260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td
Flammability min. UL 94V-1
(acc. to EIA/IS-722, Test 4.12)




Similar Part No. - TF600

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TF600 SCHURTER-TF600 Datasheet
1Mb / 4P
Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
More results


Similar Description - TF600

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
20400609 SCHURTER-20400609 Datasheet
451Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
OMT SCHURTER-OMT Datasheet
426Kb / 2P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
20200001 SCHURTER-20200001 Datasheet
306Kb / 2P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
TF600 SCHURTER-TF600 Datasheet
1Mb / 4P
Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
UMT SCHURTER-UMT Datasheet
546Kb / 3P
Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
UMT250 SCHURTER-UMT250_18 Datasheet
476Kb / 5P
Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com