Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2G08 Datasheet (PDF) - AiT Semiconductor Inc.

AL2G08 Datasheet PDF - AiT Semiconductor Inc.
Part # AL2G08
Download  AL2G08 Download
File Size   456.81 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC DUAL 2-INPUT POSITIVE-AND GATE

AL2G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL2G08 Datasheet PDF - AiT Semiconductor Inc.

Part # AL2G08
Download  AL2G08 Click to download

File Size   456.81 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC DUAL 2-INPUT POSITIVE-AND GATE

AL2G08 Datasheet (HTML) - AiT Semiconductor Inc.


AL2G08 Product details

DESCRIPTION
The AL2G08 provides a dual 2-input positive-AND gate function. Input can be driven from either 3.3V or 5V devices This feature allows the use of the AL2G08 as a translator in a mixed 3.3 and 5V environment.
The AL2G08 is designed for 1.65V to 5.5V VCC operation.
The AL2G08 device performs the Boolean function
Y=A • B or Y =A̅•B̅ in positive logic. The device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down.
The AL2G08 is available in MSOP8 package.

FEATURES
⚫ Wide Supply Range from 1.65V to 5.5V
⚫ 5V Tolerant Outputs for interfacing with 5V logic
⚫ High Noise Immunity
⚫ Low Power Consumption:1μA (Max)
⚫ Operating Temperature Range:
-
40°C to +125°C
⚫ Inputs Accept Voltage to 5.5V
⚫ High Output Drive: ±24mA at V CC =3.0V
⚫ Available in MSOP8 p ackage

APPLICATION
⚫ Voltage Level Shifting
⚫ General Purpose Logic
⚫ Power Down Signal Isolation
⚫ Computers, E readers, PDAs
⚫ Computer Peripherals, Hard Drives, CD/DVD
ROMs
⚫ TVs, DVDs, DVRs, Set Top Boxes
⚫ Cell Phones, Personal Nagivations/GPS
⚫ MP3 Players, Cameras, Video Recorders
⚫ Active Noise Elimination
⚫ Bar Code Scanner
⚫ Blood Pressure Monitor
⚫ CPAP Machine
⚫ Fingerprint identification
⚫ IP Phone: Wired and Wireless
⚫ Network attached storage (NAS)
⚫ Private Branch Exchange (PBX)




Similar Part No. - AL2G08

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AL2G14 AITSEMI-AL2G14 Datasheet
503Kb / 10P
LOGIC DUAL SCHMITT-TRIGGER INVERTER
REV1.0
AL2G14C6R AITSEMI-AL2G14C6R Datasheet
503Kb / 10P
LOGIC DUAL SCHMITT-TRIGGER INVERTER
REV1.0
AL2G14C6VR AITSEMI-AL2G14C6VR Datasheet
503Kb / 10P
LOGIC DUAL SCHMITT-TRIGGER INVERTER
REV1.0
AL2G14E6R AITSEMI-AL2G14E6R Datasheet
503Kb / 10P
LOGIC DUAL SCHMITT-TRIGGER INVERTER
REV1.0
AL2G14E6VR AITSEMI-AL2G14E6VR Datasheet
503Kb / 10P
LOGIC DUAL SCHMITT-TRIGGER INVERTER
REV1.0
More results


Similar Description - AL2G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
Dual 2-Input Positive-AND Gate
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-AND GATE
logo
AiT Semiconductor Inc.
AL4G08 AITSEMI-AL4G08 Datasheet
667Kb / 9P
LOGIC QUADRUPLE 2-INPUT POSITIVE-AND GATE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com