Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3415 Datasheet (PDF) - AiT Semiconductor Inc.

AM3415 Datasheet PDF - AiT Semiconductor Inc.
Part # AM3415
Download  AM3415 Download
File Size   487.07 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE

AM3415 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3415 Datasheet PDF - AiT Semiconductor Inc.

Part # AM3415
Download  AM3415 Click to download

File Size   487.07 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE

AM3415 Datasheet (HTML) - AiT Semiconductor Inc.


AM3415 Product details

DESCRIPTION
The AM3415 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density. Advanced trench technology to provide excellent RDS(ON) low gate charge and operation with gate voltage as 1.5V.
This device is suitable for use as a load switch or in applications.
The AM3415 is available in SOT-23 Package

FEATURES
 -20V/-4.0A, RDS(ON) =45mΩ(typ.)@VGS =-4.5V
 -20V/-4.0A, RDS(ON) =54mΩ(typ.)@VGS =-2.5V
 -20V/-2.0A, RDS(ON) =68mΩ(typ.)@VGS =-1.8V
 -20V/-1.0A, RDS(ON) =92mΩ(typ.)@VGS =-1.5V
 Super high density cell design for extremely low RDS(ON)
 Exceptional on-resistance and Maximum DC current capability
 ESD Protected : 3kV
 Available in SOT-23 package

APPLICATIONS
 Cellular/Portable
 Load Switch




Similar Part No. - AM3415

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3415A AITSEMI-AM3415A Datasheet
838Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3415AE3R AITSEMI-AM3415AE3R Datasheet
838Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3415AE3VR AITSEMI-AM3415AE3VR Datasheet
838Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3415B AITSEMI-AM3415B Datasheet
629Kb / 6P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM3415BE3SR AITSEMI-AM3415BE3SR Datasheet
629Kb / 6P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
More results


Similar Description - AM3415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com