Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3415AE3VR Datasheet (PDF) - AiT Semiconductor Inc.

AM3415AE3VR Datasheet PDF - AiT Semiconductor Inc.
Part # AM3415AE3VR
Download  AM3415AE3VR Download
File Size   838.02 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM3415AE3VR Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3415AE3VR Datasheet PDF - AiT Semiconductor Inc.

Part # AM3415AE3VR
Download  AM3415AE3VR Click to download

File Size   838.02 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM3415AE3VR Datasheet (HTML) - AiT Semiconductor Inc.


AM3415AE3VR Product details

DESCRIPTION
The AM3415A uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as1.8V. This device is suitable for use as a load switch or in PWM applications .It is ESD protested.
The AM3415A is available in SOT-23 package.

FEATURES
 VDS = -20V,ID =-4A
RDS(ON) < 60mΩ @ VGS=-2.5V
RDS(ON) < 47mΩ @ VGS=-4.5V
ESD Rating: 2500V HBM
 High Power and current handing capability
 Lead free product is acquired
 Surface mount package
 Available in SOT-23 Package

APPLICATION
 PWM application
 Load switch




Similar Part No. - AM3415AE3VR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3415 AITSEMI-AM3415 Datasheet
487Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV1.1
AM3415B AITSEMI-AM3415B Datasheet
629Kb / 6P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM3415BE3SR AITSEMI-AM3415BE3SR Datasheet
629Kb / 6P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM3415BE3SVR AITSEMI-AM3415BE3SVR Datasheet
629Kb / 6P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM3415E3R AITSEMI-AM3415E3R Datasheet
487Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV1.1
More results


Similar Description - AM3415AE3VR

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
AiT Semiconductor Inc.
AM2305 AITSEMI-AM2305 Datasheet
749Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3407 AITSEMI-AM3407 Datasheet
698Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com