Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8012 Datasheet (PDF) - AiT Semiconductor Inc.

AP8012 Datasheet PDF - AiT Semiconductor Inc.
Part # AP8012
Download  AP8012 Download
File Size   629.36 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOW STANDBY-POWER OFF-LINE PWM CONVERTERS

AP8012 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8012 Datasheet PDF - AiT Semiconductor Inc.

Part # AP8012
Download  AP8012 Click to download

File Size   629.36 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOW STANDBY-POWER OFF-LINE PWM CONVERTERS

AP8012 Datasheet (HTML) - AiT Semiconductor Inc.


AP8012 Product details

DESCRIPTION
The AP8012 consists of a Pulse Width Modulator (PWM) controller and a power MOSFET, specifically designed for a high performance off-line converter with minimal external components. AP8012 offers complete protection coverage with automatic self-recovery feature including Cycle-by-Cycle current limiting (OCP), over temperature protection (OTP), under-voltage Lockout protection(UVLO),VDD over-voltage protection(OVP), and soft-start. Burst mode operation and device very low consumption helps to meet the standby energy saving regulations. Excellent EMI performance is achieved with frequency modulation. The device consists of a high voltage start-up circuit in order to reduce the system set-up time. The device provides an advanced platform well suited for low standby-power and cost-effective flyback converters.
The AP8012 is available in DIP8 and SOP8 packages.

FEATURES
 Integrated 800V avalanche rugged power
MOSFET
 8 5V to 265V wide range AC voltage input
 Semi enclosed steady output power
6W(DIP8)@85~265V
AC
 Frequency modulation for low EMI
 Burst mode Operation
 Built in Soft Start
 Internal HV Start up Circuit
 Excellent Protection :
Over Current Protection (OCP)
Over Tem
perature Protection (OTP)
V
DD over voltage protection (OVP)
 Available in DIP8 and SOP8 Package s

APPLICATION
 Electromagnetic Oven power supplies
 Small household application power supplies
(Coffee Electric kettle, etc.)




Similar Part No. - AP8012

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
logo
Wuxi Chipown Micro-elec...
AP8012H CHIPOWN-AP8012H Datasheet
304Kb / 10P
Low Standby-Power Off-line PWM converters
Rev.A
AP8012HNEC-T1E CHIPOWN-AP8012HNEC-T1E Datasheet
304Kb / 10P
Low Standby-Power Off-line PWM converters
Rev.A
AP8012HNEC-T1L CHIPOWN-AP8012HNEC-T1L Datasheet
304Kb / 10P
Low Standby-Power Off-line PWM converters
Rev.A
More results


Similar Description - AP8012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
logo
AiT Semiconductor Inc.
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
logo
Wuxi Chipown Micro-elec...
PN8106 CHIPOWN-PN8106 Datasheet
300Kb / 8P
Low Standby-Power Off-line PWM converters
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com