Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8106 Datasheet (PDF) - Wuxi Chipown Micro-electronics limited

PN8106 Datasheet PDF - Wuxi Chipown Micro-electronics limited
Part # PN8106
Download  PN8106 Download
File Size   300.83 Kbytes
Page   8 Pages
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited
Description Low Standby-Power Off-line PWM converters

PN8106 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN8106 Datasheet PDF - Wuxi Chipown Micro-electronics limited

Part # PN8106
Download  PN8106 Click to download

File Size   300.83 Kbytes
Page   8 Pages
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited
Description Low Standby-Power Off-line PWM converters

PN8106 Datasheet (HTML) - Wuxi Chipown Micro-electronics limited


PN8106 Product details

General Description
The PN8106 consists of an integrated Pulse Width Modulator (PWM) controller and power MOSFET, specifically designed for a
high performance off-line converter with minimal external components. PN8106 offers complete protection coverage with automatic
self-recovery feature including Cycle-by-Cycle current limiting (OCP), over voltage (OVP) and overload protection (OLP), over
temperature protection (OTP) and soft-start. Burst mode operation and device very low consumption helps to meet the standby
energy saving regulations. Excellent EMI performance is achieved with frequency modulation. The device consists of the high
voltage start-up circuit. The device provides an advanced platform well suited for low standby-power and cost-effective flyback
converters.

Features
■ Internal 730 V avalanche-rugged power MOSFET
■ Operating Frequency(60kHz)
■ Frequency modulation for low EMI
■ Burst-mode Operation
■ No-load consumption power < 40 mW @220VAC
■ Built-in Soft Start
■ Internal HV Start-up Circuit
■ Open frame output power >18W @230VAC
■ Excellent Protection Coverage:
 Over Temperature Protection (OTP)
 Adjustable and accurate Over Voltage Protection (OVP)
 Adjustable Pulse-by-Pulse Over Current Protection (OCP)
 Over Load Protection (OLP)
 Auto- recovery protection Mode

Applications
■ Switch AC/DC Adaptor and Battery Charger
■ Auxiliary Power for White Goods, PC,Audio
■ LCD /PDP TV Power
■ LED Drivers




Similar Part No. - PN8106

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8102 MALLORY-PN8102 Datasheet
195Kb / 2P
MSD 12 Amp Pro Mag Points Box Quick Release Backing Plate
More results


Similar Description - PN8106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com