Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1211 Datasheet (PDF) - Maxim Integrated Products

MAX1211 Datasheet PDF - Maxim Integrated Products
Part # MAX1211
Download  MAX1211 Download
File Size   762.14 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14-Bit, 95Msps, 3.3V ADC

MAX1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1211 Datasheet PDF - Maxim Integrated Products

Part # MAX1211
Download  MAX1211 Click to download

File Size   762.14 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14-Bit, 95Msps, 3.3V ADC

MAX1211 Datasheet (HTML) - Maxim Integrated Products


MAX1211 Product details

General Description
The MAX12555 is a 3.3V, 14-bit, 95Msps analog-to-digital converter (ADC) featuring a fully differential wideband track-and-hold (T/H) input amplifier, driving a low-noise internal quantizer. The analog input stage accepts single-ended or differential signals. The MAX12555 is optimized for high dynamic performance, low power, and small size. Excellent dynamic performance is maintained from baseband to input frequencies of 175MHz and beyond, making the MAX12555 ideal for intermediatefrequency (IF) sampling applications.

Features
♦ Direct IF Sampling Up to 400MHz
♦ Excellent Dynamic Performance
    74dB/72dB SNR at fIN = 3MHz/175MHz
    87.4dBc/76.2dBc SFDR at fIN = 3MHz/175MHz
♦ Low Noise Floor: 74.6dBFS
♦ 3.3V Low-Power Operation
    465mW (Single-Ended Clock Mode)
    497mW (Differential Clock Mode)
    300µW (Power-Down Mode)
♦ Fully Differential or Single-Ended Analog Input
♦ Adjustable Full-Scale Analog Input Range ±0.35V to ±1.10V
♦ Common-Mode Reference
♦ CMOS-Compatible Outputs in Two’s Complement or Gray Code
♦ Data-Valid Indicator Simplifies Digital Interface
♦ Data Out-of-Range Indicator
♦ Miniature, 6mm x 6mm x 0.8mm 40-Pin Thin QFN Package with Exposed Paddle
♦ Evaluation Kit Available (Order MAX12555EVKIT)

Applications
    IF and Baseband Communication Receivers Cellular, Point-to-Point Microwave, HFC, WLAN
    Medical Imaging Including Positron Emission Tomography (PET)
    Video Imaging
    Portable Instrumentation
    Low-Power Data Acquisition




Similar Part No. - MAX1211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
609Kb / 29P
40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1211 MAXIM-MAX1211 Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
65Msps, 12-Bit, IF Sampling ADC
2004
MAX1211ETL MAXIM-MAX1211ETL Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1211ETL MAXIM-MAX1211ETL Datasheet
534Kb / 30P
65Msps, 12-Bit, IF Sampling ADC
2004
More results


Similar Description - MAX1211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
logo
Texas Instruments
THS8083A95 TI-THS8083A95 Datasheet
419Kb / 66P
TRIPLE 8-BIT, 95MSPS, 3.3V VIDEO AND GRAPHICS
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
14-Bit, 65Msps ADC
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
14-Bit, 130Msps ADC
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
14-Bit, 65Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
14-Bit, 130Msps ADC
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX19538 MAXIM-MAX19538 Datasheet
649Kb / 28P
12-Bit, 95Msps, 3.3V ADC
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com