Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ48RS Datasheet (PDF) - Vishay Siliconix

IRFZ48RS Datasheet PDF - Vishay Siliconix
Part # IRFZ48RS
Download  IRFZ48RS Download
File Size   275.14 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRFZ48RS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ48RS Datasheet PDF - Vishay Siliconix

Part # IRFZ48RS
Download  IRFZ48RS Click to download

File Size   275.14 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRFZ48RS Datasheet (HTML) - Vishay Siliconix


IRFZ48RS Product details

FEATURES
• Advanced process technology
• Dynamic dV/dt
• 175 °C operating temperature
• Fast switching
• Fully avalanche rated
• Drop in replacement of the IRFZ48, SiHFZ48 for
linear / audio applications
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

DESCRIPTION
Advanced power MOSFETs from Vishay utilize advanced
processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The D2PAK is a surface-mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible
on-resistance in any existing surface-mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2 W in a typical surface mount application.




Similar Part No. - IRFZ48RS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ48RS IRF-IRFZ48RS Datasheet
176Kb / 10P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFZ48RS VISHAY-IRFZ48RS Datasheet
961Kb / 8P
Power MOSFET
22-Jul-08
IRFZ48RS VISHAY-IRFZ48RS Datasheet
208Kb / 9P
Power MOSFET
30-May-11
logo
International Rectifier
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
logo
Vishay Siliconix
IRFZ48RSPBF VISHAY-IRFZ48RSPBF Datasheet
961Kb / 8P
Power MOSFET
22-Jul-08
More results


Similar Description - IRFZ48RS

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com