Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273906 Datasheet (PDF) - PHOENIX CONTACT

3273906 Datasheet PDF - PHOENIX CONTACT
Part # 3273906
Download  3273906 Download
File Size   555.09 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4 YE

3273906 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273906 Datasheet PDF - PHOENIX CONTACT

Part # 3273906
Download  3273906 Click to download

File Size   555.09 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4 YE

3273906 Datasheet (HTML) - PHOENIX CONTACT


3273906 Product details

Distribution block, nom. voltage: 450 V, nominal current: 32 A, connection method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273900 PHOENIX-3273900 Datasheet
550Kb / 22P
Distribution block - PTFIX 10/18X4 GY
Jun 10, 2022
3273902 PHOENIX-3273902 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 BU
Jun 13, 2022
3273904 PHOENIX-3273904 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 RD
Jun 22, 2022
3273908 PHOENIX-3273908 Datasheet
550Kb / 22P
Distribution block - PTFIX 10/18X4 GN
Jun 15, 2022
More results


Similar Description - 3273906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273576 PHOENIX-3273576 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35 YE
3273708 PHOENIX-3273708 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35A YE
3273840 PHOENIX-3273840 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4 YE
3273972 PHOENIX-3273972 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-G YE
3273904 PHOENIX-3273904 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 RD
Jun 22, 2022
3273912 PHOENIX-3273912 Datasheet
550Kb / 22P
Distribution block - PTFIX 10/18X4 WH
Jun 13, 2022
3274038 PHOENIX-3274038 Datasheet
476Kb / 18P
Distribution block - PTFIX 10/18X4-G YE
Jul 29, 2022
3273774 PHOENIX-3273774 Datasheet
484Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A YE
Jul 29, 2022
3273642 PHOENIX-3273642 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 YE
Jul 20, 2022
3273918 PHOENIX-3273918 Datasheet
548Kb / 21P
Distribution block - PTFIX 10/18X4 OG
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com