Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273908 Datasheet (PDF) - PHOENIX CONTACT

3273908 Datasheet PDF - PHOENIX CONTACT
Part # 3273908
Download  3273908 Download
File Size   550.87 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4 GN

3273908 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273908 Datasheet PDF - PHOENIX CONTACT

Part # 3273908
Download  3273908 Click to download

File Size   550.87 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4 GN

3273908 Datasheet (HTML) - PHOENIX CONTACT


3273908 Product details

Distribution block, nom. voltage: 450 V, nominal current: 32 A, connection method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: green

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273900 PHOENIX-3273900 Datasheet
550Kb / 22P
Distribution block - PTFIX 10/18X4 GY
Jun 10, 2022
3273902 PHOENIX-3273902 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 BU
Jun 13, 2022
3273904 PHOENIX-3273904 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 RD
Jun 22, 2022
3273906 PHOENIX-3273906 Datasheet
555Kb / 22P
Distribution block - PTFIX 10/18X4 YE
Jun 23, 2022
More results


Similar Description - 3273908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273578 PHOENIX-3273578 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35 GN
3273710 PHOENIX-3273710 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A GN
3273842 PHOENIX-3273842 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4 GN
3273644 PHOENIX-3273644 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 GN
Jun 2, 2022
3273974 PHOENIX-3273974 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G GN
Jun 27, 2022
3273776 PHOENIX-3273776 Datasheet
485Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A GN
Jun 22, 2022
3273904 PHOENIX-3273904 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 RD
Jun 22, 2022
3273906 PHOENIX-3273906 Datasheet
555Kb / 22P
Distribution block - PTFIX 10/18X4 YE
Jun 23, 2022
3274040 PHOENIX-3274040 Datasheet
474Kb / 18P
Distribution block - PTFIX 10/18X4-G GN
Jul 29, 2022
3273918 PHOENIX-3273918 Datasheet
548Kb / 21P
Distribution block - PTFIX 10/18X4 OG
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com