Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9960A Datasheet (PDF) - Renesas Technology Corp

RV1S9960A Datasheet PDF - Renesas Technology Corp
Part # RV1S9960A
Download  RV1S9960A Download
File Size   1491.56 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION, 15 mm LONG-CREEPAGE 8-PIN LSDIP

RV1S9960A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9960A Datasheet PDF - Renesas Technology Corp

Part # RV1S9960A
Download  RV1S9960A Click to download

File Size   1491.56 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION, 15 mm LONG-CREEPAGE 8-PIN LSDIP

RV1S9960A Datasheet (HTML) - Renesas Technology Corp


RV1S9960A Product details

FEATURES
 Long creepage distance (15 mm MIN)
 High speed communication (15 Mbps)
 High temperature operation (-40 to +110 °C)
 High common mode (dv/dt) tolerant (CMH, CML =  50 kV/s MIN.)
 High isolation voltage (BV = 7 500 Vr.m.s.)
 Low input drive current (IFHL = 3.8 mA MAX.)
 Low voltage power supply operation (VDD = 2.7 V ~ 5.5 V)
 Low pulse width distortion (PWD = 20 ns MAX.)
 Ordering number of tape product :
RV1S9960ACCSP-10Yx#KC0:1 000 pcs/reel
 Pb free product
 Safety standards approval
UL :UL1577, Double protection
CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
VDE :DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9960A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9991A RENESAS-RV1S9991A Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YC RENESAS-RV1S9991ACCSP-10YC Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YC#KC0 RENESAS-RV1S9991ACCSP-10YC#KC0 Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YC#SC0 RENESAS-RV1S9991ACCSP-10YC#SC0 Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YV RENESAS-RV1S9991ACCSP-10YV Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
More results


Similar Description - RV1S9960A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9905 CEL-PS9905 Datasheet
11Mb / 19P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
logo
Renesas Technology Corp
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8902 RENESAS-PS8902 Datasheet
291Kb / 17P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
RV1S9160A RENESAS-RV1S9160A Datasheet
6Mb / 14P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION, 5-PIN SOP PHOTOCOUPLER
Mar 06, 2020
RV1S9060A RENESAS-RV1S9060A Datasheet
2Mb / 14P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,
Mar 06, 2020
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
RV1S9260A RENESAS-RV1S9260A Datasheet
6Mb / 15P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,
Nov 11,2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com