Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

480ACDRH_48SC Datasheet (PDF) - GAPTEC Electronic GmbH & Co. KG

480ACDRH_48SC Datasheet PDF - GAPTEC Electronic GmbH & Co. KG
Part # 480ACDRH_48SC
Download  480ACDRH_48SC Download
File Size   1228.02 Kbytes
Page   3 Pages
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG
Description 480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply

480ACDRH_48SC Datasheet (PDF)

Go To PDF Page Download Datasheet
480ACDRH_48SC Datasheet PDF - GAPTEC Electronic GmbH & Co. KG

Part # 480ACDRH_48SC
Download  480ACDRH_48SC Click to download

File Size   1228.02 Kbytes
Page   3 Pages
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG
Description 480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply

480ACDRH_48SC Datasheet (HTML) - GAPTEC Electronic GmbH & Co. KG


480ACDRH_48SC Product details

Universal 85- 264VAC or
120- 370VDC Input voltage
Accepts AC or DC input
(dual-use of same terminal)
Operating ambient temperature
range: -30°C to +70°C
The efficiency is up to 94%
High I/O isolation test voltage
up to 3000VAC
DC OK function
Active PFC, PF>0.95




Similar Part No. - 480ACDRH_48SC

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
480ACDR GAPTEC-480ACDR Datasheet
2Mb / 5P
480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
480ACDR_24SC GAPTEC-480ACDR_24SC Datasheet
2Mb / 5P
480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
480ACDR_48SC GAPTEC-480ACDR_48SC Datasheet
2Mb / 5P
480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
480ACDR_SC GAPTEC-480ACDR_SC Datasheet
2Mb / 5P
480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
More results


Similar Description - 480ACDRH_48SC

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
45ACDR GAPTEC-45ACDR Datasheet
648Kb / 3P
45W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
60ACDR GAPTEC-60ACDR Datasheet
3Mb / 6P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
75ACDR GAPTEC-75ACDR Datasheet
2Mb / 5P
75W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
120ACDR GAPTEC-120ACDR Datasheet
2Mb / 6P
120W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
240ACDR GAPTEC-240ACDR Datasheet
2Mb / 5P
240W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
480ACDR GAPTEC-480ACDR Datasheet
2Mb / 5P
480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
960ACDR GAPTEC-960ACDR Datasheet
1Mb / 5P
960W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
30ACDRS_S GAPTEC-30ACDRS_S Datasheet
1Mb / 3P
30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
Rev. 2021-1.0
60ACDRS_S GAPTEC-60ACDRS_S Datasheet
1Mb / 3P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
Rev. 2022-1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com