Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

480ACDRH_48SC Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 480ACDRH_48SC
Description  480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

480ACDRH_48SC Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  480ACDRH_48SC Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 480ACDRH_48SC Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 480ACDRH_48SC Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 3
480ACDRH_SC – Rev. 2021-1.0
Specifications subject to change without notice.
480W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Industrial DIN Rail Power Supply
480ACDRH_SC Series
EMC specifications
Emissions CE
CISPR32/EN55032 CLASS B
Emissions RE
CISPR32/EN55032 CLASS B
Emissions Harmonic current
IEC/EN61000-3-2 CLASS A and CLASS D
Immunity ESD
IEC/EN61000-4-2 Contact ±6KV/Air ±8KV
perf. Criteria A
Immunity RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
Immunity EFT
IEC/EN61000-4-4 ±2KV
perf. Criteria A
Immunity Surge
IEC/EN61000-4-5 line to line ±2KV/line to ground ±4KV
perf. Criteria A
Immunity CS
IEC/EN61000-4-6 10Vr.m.s
perf. Criteria A
Immunity Voltage dips, short interruptions and voltage variations
immunity
IEC/EN61000-4-11 0%, 70%
perf. Criteria B
Certification
Part Number
Power
[W]
Nominal Output
[Vo, VDC]
Rated Current
[Io/A]
Output Voltage Adjustable
[Range, V]*
Efficiency at 230VAC
[%, Typ.]
Capacitive Load
[μF, Max.]
UL (pending)
480ACDRH_24SC
480
24V
20A
24-28
94
4700
UL (pending)
480ACDRH_48SC
480
48V
10A
48-55
94
2700
Product Selection Guide
Typical characteristics
Efficiency
Note:
1. With an AC input voltage between 85 -100VAC and a DC input between 120-140VDC the output power must be derated as per the temperature derating curves;
2. This product is suitable for applications using natural air cooling; for applications in closed environment please consult our FAE.
480ACDRH_48SC
480ACDRH_24SC
480ACDRH_48SC
480ACDRH_24SC
Isolation specifications
Item
Test conditions
Min
Typ Max Units
Isolation
Test
Electric strength test for 1min.,
leakage current <10mA
• Input -
• Input - output
• Output -
2000
3000
500
VAC
VAC
VAC
Insulation
Resistance
At 500VDC
• Input -
• Input - output
• Output -
100
100
100
MΩ
MΩ
MΩ
Protection specifications
Over-current
Protection
(230VAC,
rated load)
• Normal temp.
high temp.
• Low temp.
110%-150% Io, the output turned off after
working normally for 1s, self-recovery
≥105% Io, automatic recover after fault
condition is removed
Over-voltage
protection
• 24V Output
• 48V Output
29-35V(Output voltage turn off or clamp, re-
power on for recover or automatic recover)
56-60V(Output voltage turn off or clamp, re-
power on for recover automatic recover)
Over-temp.
protection
230VAC,100% Io
• Over-temperature protection start
90 °C Min.
• Over-temperature protection release
60 °C Typ.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com