Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910-00004-IT Datasheet (PDF) - Kyocera Kinseki Corpotation

910-00004-IT Datasheet PDF - Kyocera Kinseki Corpotation
Part # 910-00004-IT
Download  910-00004-IT Download
File Size   822.09 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description LASERLIGHT SMD WHITE LIGHT EMITTER

910-00004-IT Datasheet (PDF)

Go To PDF Page Download Datasheet
910-00004-IT Datasheet PDF - Kyocera Kinseki Corpotation

Part # 910-00004-IT
Download  910-00004-IT Click to download

File Size   822.09 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description LASERLIGHT SMD WHITE LIGHT EMITTER

910-00004-IT Datasheet (HTML) - Kyocera Kinseki Corpotation


910-00004-IT Product details

Features
-World's highest luminance 1000 mcd/m2
-Enables less than 2 degree beam angle from 35mm optic
-Stable efficacy vs, drive power
-Compact 7mm SMD with built-in safety features




Similar Part No. - 910-00004-IT

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00010-WF KSS-910-00010-WF Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00011-IT KSS-910-00011-IT Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00014-TR KSS-910-00014-TR Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
910-00014-WF KSS-910-00014-WF Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
More results


Similar Description - 910-00004-IT

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
logo
CT Micro International ...
WP160306-CSC3 CTMICRO-WP160306-CSC3 Datasheet
640Kb / 11P
SMD Type White Emitter
Rev 3 May, 2022
WP160804-CTC4 CTMICRO-WP160804-CTC4 Datasheet
1Mb / 10P
SMD Type White Emitter
Rev 2 Jan, 2021
WP160806-DRC4 CTMICRO-WP160806-DRC4 Datasheet
1Mb / 11P
SMD Type White Emitter
Rev 4 Jan, 2021
WP160806-DTC4 CTMICRO-WP160806-DTC4 Datasheet
1Mb / 11P
SMD Type White Emitter
Rev 2 Jan, 2021
WP201208-ATC3 CTMICRO-WP201208-ATC3 Datasheet
1Mb / 10P
SMD Type White Emitter
Rev 2 Jan, 2021
WP201208-CTC3 CTMICRO-WP201208-CTC3 Datasheet
1Mb / 10P
SMD Type White Emitter
Rev 2 Jan, 2021
WP321608-CTC3 CTMICRO-WP321608-CTC3 Datasheet
1Mb / 11P
SMD Type White Emitter
Rev 3 Jan, 2021
WC101606-ETC4 CTMICRO-WC101606-ETC4 Datasheet
1Mb / 10P
SMD Type White Emitter
Oct, 2020 Rev 1
WC201607-ATC4 CTMICRO-WC201607-ATC4 Datasheet
1Mb / 11P
SMD Type White Emitter
Oct, 2020 Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com