Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910-00011-IT Datasheet (PDF) - Kyocera Kinseki Corpotation

910-00011-IT Datasheet PDF - Kyocera Kinseki Corpotation
Part # 910-00011-IT
Download  910-00011-IT Download
File Size   1562.07 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description LaserLight SMD 1K

910-00011-IT Datasheet (PDF)

Go To PDF Page Download Datasheet
910-00011-IT Datasheet PDF - Kyocera Kinseki Corpotation

Part # 910-00011-IT
Download  910-00011-IT Click to download

File Size   1562.07 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description LaserLight SMD 1K

910-00011-IT Datasheet (HTML) - Kyocera Kinseki Corpotation


910-00011-IT Product details

Features
-World's highest luminance at 1000 Mcd/m2
-Enables less than 3 beam angle from 35mm optic
-Increased lm/W and operating temperature
-Compact 7mm SMD with built-in safety feautures




Similar Part No. - 910-00011-IT

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
910-00014-TR KSS-910-00014-TR Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
910-00014-WF KSS-910-00014-WF Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
910-00015-IT KSS-910-00015-IT Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
910-00016-WF KSS-910-00016-WF Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
910-00017-IT KSS-910-00017-IT Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
More results


Similar Description - 910-00011-IT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN63121 PANASONIC-MN63121 Datasheet
36Kb / 4P
1K-Bit EEPROM
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
1K x 8 PROM
logo
Microchip Technology
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
1k x 1k Time-Slot Interchanger
Revision 3 September 21, 2005
logo
Microchip Technology
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
logo
Hamamatsu Corporation
C8800 HAMAMATSU-C8800 Datasheet
108Kb / 2P
1k 횞 1k, 30Hz Digital CCD Camera
logo
Kyocera Kinseki Corpota...
910-00003-TR KSS-910-00003-TR Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00014-TR KSS-910-00014-TR Datasheet
817Kb / 2P
LASERLIGHT SMD W-IR
1/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com