Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910-00016-WF Datasheet (PDF) - Kyocera Kinseki Corpotation

910-00016-WF Datasheet PDF - Kyocera Kinseki Corpotation
Part # 910-00016-WF
Download  910-00016-WF Download
File Size   817.87 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description LASERLIGHT SMD W-IR

910-00016-WF Datasheet (PDF)

Go To PDF Page Download Datasheet
910-00016-WF Datasheet PDF - Kyocera Kinseki Corpotation

Part # 910-00016-WF
Download  910-00016-WF Click to download

File Size   817.87 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description LASERLIGHT SMD W-IR

910-00016-WF Datasheet (HTML) - Kyocera Kinseki Corpotation


910-00016-WF Product details

Features
-World's highest white light luminance 1000 Mcd/m2
-Infrared emission (switchable from same point source)
-Enables less than 2 degree beam angle from 35mm optic
-Compact 7mm SMD with built-in safety features




Similar Part No. - 910-00016-WF

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00010-WF KSS-910-00010-WF Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00011-IT KSS-910-00011-IT Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
More results


Similar Description - 910-00016-WF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
High Speed IR Emitting Diode in SMD Package
21-May-03
logo
Comchip Technology
CDBA120LR-HF COMCHIP-CDBA120LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-HF COMCHIP-CDBA220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA320LR-HF COMCHIP-CDBA320LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBW120R-HF COMCHIP-CDBW120R-HF Datasheet
79Kb / 4P
Low IR SMD Schottky Barrier Rectifiers
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBW01540RF-HF COMCHIP-CDBW01540RF-HF Datasheet
106Kb / 5P
Low IR SMD Schottky Barrier Switching Diodes
ACDBA260LR-HF COMCHIP-ACDBA260LR-HF Datasheet
93Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
logo
Kyocera Kinseki Corpota...
910-00003-TR KSS-910-00003-TR Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com