Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1333M10DWVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AMC1333M10DWVR Datasheet PDF - Texas Instruments
Part # AMC1333M10DWVR
Download  AMC1333M10DWVR Download
File Size   1805.45 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock

AMC1333M10DWVR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1333M10DWVR Datasheet PDF - Texas Instruments

Part # AMC1333M10DWVR
Download  AMC1333M10DWVR Click to download

File Size   1805.45 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock

AMC1333M10DWVR Datasheet (HTML) - Texas Instruments


AMC1333M10DWVR Product details

1 Features
• Linear input voltage range: ±1 V
• High input impedance: 2.4 GΩ (typ)
• Low DC errors:
– Offset error: ±0.5 mV (max)
– Offset drift: ±4 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40 ppm/°C (max)
• High CMTI: 100 kV/μs (min)
• Internal 10-MHz clock generator
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 8000-VPEAK reinforced isolation per DIN EN
IEC 60747-17 (VDE 0884-17)
– 5700-VRMS isolation for 1 minute per UL1577
• Fully specified over extended industrial
temperature range: –40°C to +125°C

2 Applications
• Motor drives
• Frequency inverters
• Protection relays
• Power supplies

3 Description
The AMC1333M10 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by an isolation barrier that is highly resistant
to magnetic interference. This barrier is certified to
provide reinforced isolation of up to 8000 VPEAK
according to the DIN EN IEC 60747-17 (VDE
0884-17) and UL1577 standards, and supports a
working voltage up to 1.5 kVRMS. The isolation barrier
separates parts of the system that operate on different
common-mode voltage levels and protects the lowvoltage
side from voltages that can cause electrical
damage or be harmful to an operator.
The wide, bipolar, ±1-V input voltage range of the
AMC1333M10 and its high input resistance support
direct connection of the device to resistive dividers
in high-voltage applications. The output bitstream of
the AMC1333M10 is synchronized to the internally
generated clock. By using an integrated digital
filter (such as those in the TMS320F2807x or
TMS320F2837x microcontroller families) to decimate
the bitstream, the device can achieve 16 bits of
resolution with a dynamic range of 87 dB at a data
rate of 39 kSPS.
The AMC1333M10 is offered in a 8-pin, wide-body,
SOIC package and is fully specified over the extended
industrial temperature range of –40°C to +125°C.




Similar Part No. - AMC1333M10DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1333M10-Q1 TI2-AMC1333M10-Q1 Datasheet
1Mb / 37P
AMC1333M10-Q1 Automotive, Precision, ±1V Input, Reinforced Isolated Delta-Sigma Modulator With 10MHz Internal Clock
AUGUST 2025
AMC1333M10QDWVRQ1 TI2-AMC1333M10QDWVRQ1 Datasheet
1Mb / 37P
AMC1333M10-Q1 Automotive, Precision, ±1V Input, Reinforced Isolated Delta-Sigma Modulator With 10MHz Internal Clock
AUGUST 2025
More results


Similar Description - AMC1333M10DWVR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970 AVAGO-ACPL-7970 Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336 TI-AMC3336 Datasheet
2Mb / 41P
AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
logo
Analog Devices
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com