Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD64 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN65HVD64 Datasheet PDF - Texas Instruments
Part # SN65HVD64
Download  SN65HVD64 Download
File Size   23896.11 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN65HVD64 AISG® On and Off Keying Coax Modem Transceiver

SN65HVD64 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD64 Datasheet PDF - Texas Instruments

Part # SN65HVD64
Download  SN65HVD64 Click to download

File Size   23896.11 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN65HVD64 AISG® On and Off Keying Coax Modem Transceiver

SN65HVD64 Datasheet (HTML) - Texas Instruments


SN65HVD64 Product details

1 Features
• 3-V to 5.5-V Supply Range
• 1.6-V to 5.5-V Independent Logic Supply
• –15-dBm to +5-dBm Wide-Input Dynamic Range
for Receiver
• 0-dBm to 6-dBm Adjustable Power
Delivered by the Driver to the Coax
• Supports AISG® V2.0 and V3.0
• Low-Power Standby Mode
• Direction Control Output
for RS-485 Bus Arbitration
• Up to 115 kbps of Signaling Support
• 2.176-MHz Center Frequency
for Integrated Active Bandpass Filter
• Supports -40 °C to 120 °C Ambient Temperatures
• 3-mm × 3-mm 16-Pin VQFN Package

2 Applications
• AISG – Interface for Antenna Line Devices
• Tower-Mounted Amplifiers (TMA)
• General Modem Interfaces

3 Description
The SN65HVD64 transceiver modulates and
demodulates signals between a logic (baseband)
interface and a frequency suitable for long coaxial
media, to facilitate wired data transfer among radio
equipment.
The SN65HVD64 device is an integrated AISG
transceiver designed to meet the requirements of the
Antenna Interface Standards Group v2.0 and v3.0
specification.
The SN65HVD64 receiver integrates an active
bandpass filter to enable demodulation of signals
even in the presence of spurious frequency
components. The filter has a 2.176-MHz center
frequency.
The transmitter supports adjustable output power
levels from 0 dBm to 6 dBm delivered to the 50-Ω
coax cable. The SN65HVD64 transmitter is compliant
with the spectrum emission requirement provided by
the AISG standard.
A direction control output facilitates bus arbitration for
an RS-485 interface. This device integrates an
oscillator input for a crystal, and also accepts
standard clock inputs to the oscillator.




Similar Part No. - SN65HVD64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
ControlNet TM TRANSCEIVER
SN65HVD61 TI1-SN65HVD61 Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
SN65HVD61 TI2-SN65HVD61 Datasheet
462Kb / 22P
ControlNet™ TRANSCEIVER
REVISED JUNE 2011
SN65HVD61D TI1-SN65HVD61D Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
SN65HVD61D TI2-SN65HVD61D Datasheet
462Kb / 22P
ControlNet™ TRANSCEIVER
REVISED JUNE 2011
More results


Similar Description - SN65HVD64

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9947 MAXIM-MAX9947 Datasheet
89Kb / 1P
AISG Integrated Transceiver
Rev 0; 12/09
MAX9947 MAXIM-MAX9947_11 Datasheet
607Kb / 1P
AISG Integrated Transceiver AISG-Compliant Output Emission Profile
Rev 2; 6/11
MAX9947_1107 MAXIM-MAX9947_1107 Datasheet
614Kb / 1P
AISG Integrated Transceiver
Rev 3; 7/11
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62 Datasheet
520Kb / 16P
AISG On-Off Keying Coax Modem Transceiver
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
19200 baud modem transceiver
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62_15 Datasheet
1Mb / 26P
SN65HVD62 AISG On-Off Keying Coax Modem Transceiver
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
logo
Maxim Integrated Produc...
MAX11947 MAXIM-MAX11947 Datasheet
1Mb / 45P
4 Channel AISG Integrated Modem
2020
logo
Texas Instruments
SN65HVD63 TI-SN65HVD63 Datasheet
22Mb / 28P
SN65HVD63 AISG® On and Off Keying Coax Modem Transceiver
JULY 2015
logo
Silicon Laboratories
SD3503 SILABS-SD3503 Datasheet
1Mb / 26P
Z-WAVE® MODEM SOC
2/2018
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com