Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD61D Datasheet (PDF) - Texas Instruments

SN65HVD61D Datasheet PDF - Texas Instruments
Part # SN65HVD61D
Download  SN65HVD61D Download
File Size   462.73 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ControlNet™ TRANSCEIVER

SN65HVD61D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD61D Datasheet PDF - Texas Instruments

Part # SN65HVD61D
Download  SN65HVD61D Click to download

File Size   462.73 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ControlNet™ TRANSCEIVER

SN65HVD61D Datasheet (HTML) - Texas Instruments


SN65HVD61D Product details

1FEATURES
2• Compatible With the ControlNet Standard
• I/O Operates From 2.5-V to 5-V Supply
• Receiver thresholds within –120mV to 120mV
• Receiver hysteresis >50mV
• Low Power Standby Mode
• Thermal Shutdown Protection
• Power-Up/Down Glitch-free Bus Inputs and
Outputs
• Short-Circuit Protection on Outputs
• RoHS Compliant
• ControlNet Vendor ID 806

DESCRIPTION
The SN65HVD61 is designed to meet the
requirements for the driver and receiver circuitry of
the ControlNet coaxial-based physical layer.
These devices are single-channel circuits with one
transceiver for single node operation or distributed
stand-alone applications.
The pull-or-pull transmitter circuit is designed to sink
current from a center-tapped transformer, providing
galvanic isolation from the shared bus.
These devices incorporate a differential receiver (RX)
with the 120 mV sensitivity needed by ControlNet
industrial applications.
A secondary receiver (CD) detects the presence of a
valid positive differential signal.
The third signal receiver function (SIG) provides a
scaled analog output which is proportional to the
differential voltage between XF1 and XF3. This output
can be used for diagnostic purposes.

APPLICATIONS
• Industrial Networks
• Programmable Controllers
• Industrial Drives




Similar Part No. - SN65HVD61D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61D TI1-SN65HVD61D Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
SN65HVD61DG4 TI1-SN65HVD61DG4 Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
SN65HVD61DR TI1-SN65HVD61DR Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
More results


Similar Description - SN65HVD61D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218 MAXIM-MAX3218 Datasheet
123Kb / 12P
1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
ControlNet TM TRANSCEIVER
logo
List of Unclassifed Man...
123092A ETC2-123092A Datasheet
104Kb / 3P
ControlNet??Quad Shielded Coax
logo
Texas Instruments
SN65HVD61 TI1-SN65HVD61_15 Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
logo
Belden Inc.
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
logo
AUREL S.p.A.
650201430G AUREL-650201430G Datasheet
752Kb / 1P
LoRa™ transceiver 4 CHANNEL ENCODER
15.10.2016-Rev A
logo
Analog Devices
ADM101E AD-ADM101E_V01 Datasheet
200Kb / 12P
Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Broadcom Corporation.
BCM89810 BOARDCOM-BCM89810 Datasheet
291Kb / 2P
SINGLE-PORT BroadR-Reach™ AUTOMOTIVE ETHERNET TRANSCEIVER
October 6, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com