Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1640CT Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

MBR1640CT Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # MBR1640CT
Download  MBR1640CT Download
File Size   1416.09 Kbytes
Page   2 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description SCHOTTKY BARRIER RECTIFIER

MBR1640CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1640CT Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # MBR1640CT
Download  MBR1640CT Click to download

File Size   1416.09 Kbytes
Page   2 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description SCHOTTKY BARRIER RECTIFIER

MBR1640CT Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


MBR1640CT Product details

FEATURES
Metal-semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
For use in low voltage,high frequency inverters free
wheeling,and polarity protection applications
The plastic material carries U/L recognition 94V-0




Similar Part No. - MBR1640CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1640CT MCC-MBR1640CT Datasheet
919Kb / 2P
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
logo
Shanghai Lunsure Electr...
MBR1640CT CHENYI-MBR1640CT Datasheet
237Kb / 2P
16Amp schottky barrier rectifier 20to60 volts
logo
Pan Jit International I...
MBR1640CT PANJIT-MBR1640CT Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1640CT MCC-MBR1640CT Datasheet
151Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Rugao Dachang Electroni...
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
More results


Similar Description - MBR1640CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com