Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1640CT Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MBR1640CT Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MBR1640CT
Download  MBR1640CT Download
File Size   134.75 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A

MBR1640CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1640CT Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MBR1640CT
Download  MBR1640CT Click to download

File Size   134.75 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A

MBR1640CT Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


MBR1640CT Product details

Reverse Voltage 40 to 200 V
Forward Current 16A

Features
• Low Power Loss, High Efficiency
• Low Forward Voltage Drop
• High Current Capability
• Lead and body according with RoHS standard




Similar Part No. - MBR1640CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1640CT MCC-MBR1640CT Datasheet
919Kb / 2P
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
logo
Shanghai Lunsure Electr...
MBR1640CT CHENYI-MBR1640CT Datasheet
237Kb / 2P
16Amp schottky barrier rectifier 20to60 volts
logo
Pan Jit International I...
MBR1640CT PANJIT-MBR1640CT Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1640CT MCC-MBR1640CT Datasheet
151Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Formosa MS
MBR1640CT FORMOSA-MBR1640CT Datasheet
193Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
More results


Similar Description - MBR1640CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
First Silicon Co., Ltd
MBR6040PT FS-MBR6040PT Datasheet
393Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 40 to 200 Volts, Forward Current 60A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com