Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2040CT Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MBR2040CT Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MBR2040CT
Download  MBR2040CT Download
File Size   134.92 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A

MBR2040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2040CT Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MBR2040CT
Download  MBR2040CT Click to download

File Size   134.92 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A

MBR2040CT Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


MBR2040CT Product details

Schottky Barrier Rectifier

Reverse Voltage 40 to 200 V
Forward Current 20A

Features
• Low Power Loss,High Efficiency
• Low Forward Voltage Drop
• High Current Capability
• RoHS Lead and body according with RoHS standard




Similar Part No. - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
Micro Commercial Compon...
MBR2040CT MCC-MBR2040CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
67Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. 9 - 2
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR2040CT BILIN-MBR2040CT Datasheet
353Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
First Silicon Co., Ltd
MBR20200CT FS-MBR20200CT Datasheet
214Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com