Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1216 Datasheet (PDF) - California Micro Devices Corp

CM1216 Datasheet PDF - California Micro Devices Corp
Part # CM1216
Download  CM1216 Download
File Size   392.35 Kbytes
Page   9 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 6- and 8-Channel Low Capacitance ESD Arrays

CM1216 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1216 Datasheet PDF - California Micro Devices Corp

Part # CM1216
Download  CM1216 Click to download

File Size   392.35 Kbytes
Page   9 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 6- and 8-Channel Low Capacitance ESD Arrays

CM1216 Datasheet (HTML) - California Micro Devices Corp


CM1216 Product details

Product Description
The CM1216 family of diode arrays has been designed to provide ESD protection for electronic components or sub-systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series which steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail. The CM1216 will protect against ESD pulses up to +15kV per the IEC 61000-4-2 standard.

Features
• 6 and 8 channels of ESD protection
• Provides +15 kV ESD protection on each channel per the IEC 61000-4-2 ESD requirements
• Channel loading capacitance of 1.6 pF typical
• Channel I/O to GND capacitance difference of 0.04pF typical
• Mutual capacitance of 0.13pF typical
• Minimal capacitance change with temperature and voltage
• Each I/O pin can withstand over 1000 ESD strikes
• SOIC and MSOP packages
• Lead-free versions available

Applications
• IEEE1394 Firewire® ports at 400Mbps / 800Mbps
• DVI ports, HDMI ports in notebooks, set top boxes, digital TVs, LCD displays
• Serial ATA ports in desktop PCs and hard disk drives
• PCI Express ports
• General purpose high-speed data line ESD protection




Similar Part No. - CM1216

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216 ONSEMI-CM1216 Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
CM1216-06MR ONSEMI-CM1216-06MR Datasheet
213Kb / 13P
6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216-06MR ONSEMI-CM1216-06MR Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
CM1216-06SM ONSEMI-CM1216-06SM Datasheet
213Kb / 13P
6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
More results


Similar Description - CM1216

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com