| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0734200210
|
52Kb / 1P |
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet,
|
|
0734200380
|
52Kb / 1P |
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet Adapter
|
|
0734200650
|
50Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, 2.00mm Length, Tray
|
|
0734205191
|
48Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, 5.00mm Length, Tray
|
|
0734205201
|
55Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, Straight, Bulkhead, Tray
|
|
0734205211
|
49Kb / 1P |
50 Ohms, SMP-MAX Plug Slide on PCB, Straight, Surface Mount, Tray
|
|
0734205500
|
50Kb / 1P |
50 Ohms, SMP-MAX Plug, Snap Type, Edge Mount, Tray
|
|
0734200640
|
41Kb / 1P |
50 Ohms, SMP-MAX Plug Snap Type-to-SMP-MAX Plug Slide Bullet Adapter, Straight, Tri-M Plating, Tray
07/12/2022 |
|
0734200840
|
36Kb / 1P |
50 Ohms, Modified SMP-MAX 4 Slot Plug-to-Modified SMP-MAX 4 Slot Plug Bullet Adapter, Straight, 8.70mm Length
08/26/2022 |
|
0734205220
|
42Kb / 1P |
50 Ohms, SMP-MAX Plug Bulkhead Slide-to-SMP-MAX Plug Slide Bullet Adapter, Straight, 51.65mm Length, Tray
08/27/2022 |