| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0734200380
|
52Kb / 1P |
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet Adapter
|
|
0734200650
|
50Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, 2.00mm Length, Tray
|
|
0734205191
|
48Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, 5.00mm Length, Tray
|
|
0734205201
|
55Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, Straight, Bulkhead, Tray
|
|
0734205211
|
49Kb / 1P |
50 Ohms, SMP-MAX Plug Slide on PCB, Straight, Surface Mount, Tray
|
|
0734205460
|
45Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, 22.50mm Length
|
|
0734205461
|
46Kb / 1P |
50 Ohms, SMP-MAX Plug Slide to Threaded Board, 21.00mm Length
|
|
0733861570
|
34Kb / 1P |
50 Ohms, SMA Jack to SMP-MAX Plug Slide-on, Straight, 16.00mm Length
|
|
0734200640
|
41Kb / 1P |
50 Ohms, SMP-MAX Plug Snap Type-to-SMP-MAX Plug Slide Bullet Adapter, Straight, Tri-M Plating, Tray
07/12/2022 |
|
0734200641
|
41Kb / 1P |
50 Ohms, SMP-MAX Plug Snap Type-to-SMP-MAX Plug Slide Bullet Adapter, Straight, Gold Plating, with Cap, Tray
08/27/2022 |