Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C53 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
UCC28C53 Datasheet PDF - Texas Instruments
Part # UCC28C53
Download  UCC28C53 Download
File Size   3201.89 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller

UCC28C53 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28C53 Datasheet PDF - Texas Instruments

Part # UCC28C53
Download  UCC28C53 Click to download

File Size   3201.89 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller

UCC28C53 Datasheet (HTML) - Texas Instruments


UCC28C53 Product details

1 Features
• 28-V VDD recommended max operating ratings
• New undervoltage lockout options to support both
Si and SiC MOSFET applications
• Operating frequency: 1 MHz
• 50-μA Standby Current, 75-μA Maximum
• Low operating current: 1.3 mA (@ fOSC = 52 kHz)
• Fast, cycle-by-cycle overcurrent limiting: 35-ns
• Peak driving current: ±1-A. Rail-to-rail output:
– 25-ns rise time
– 20-ns fall time
• Initial trimmed 2.5-V error amplifier reference: ±1%
• Pin-to-pin compatible to UCCx8C4x and drop-in
substitution

2 Applications
• General purpose single-ended DC-DC or off-line
isolated power converters
• Aux power supply in polyphase motor drives and
energy storage systems
• Flyback power supplies in solar power inverters

3 Description
The UCCx8C5x family are high-performance, currentmode
PWM controllers with low startup current.
The UCCx8C5x is an enhanced BiCMOS version
with pin-for-pin compatibility to the industry standard
UCCx8C4x family. With the VDD absolute maximum
rating extended from 20 V to 30 V for optimal
gate voltage design on 20-Vgs, 18-Vgs or 15-Vgs
SiC MOSFETs by the introduction of UCC28C56H/L,
UCC28C57H/L and UCC28C58/9, three new sets of
UVLO options allow SiC FET operating reliably while
avoiding thermal runaway. Existing UVLO options of
UCCx8C4x are maintained with improvements on
startup current, operating current and VDD absolute
maximum rating.
The UCC28C5x series is specified for operation
from –40°C to 125°C, and the UCC38C5x series is
specified for operation from 0°C to 85°C.
The table below compares the improvements from
UCCx8C5x to UCCx8C4x.




Similar Part No. - UCC28C53

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 52P
UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs
JUNE 2022
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 51P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED NOVEMBER 2022
UCC28C53 TI1-UCC28C53 Datasheet
3Mb / 53P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
More results


Similar Description - UCC28C53

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
LOW-POWER BICMOS CURRENT-MODE PWM
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com