Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C53 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
UCC28C53 Datasheet PDF - Texas Instruments
Part # UCC28C53
Download  UCC28C53 Download
File Size   3387.36 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs

UCC28C53 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28C53 Datasheet PDF - Texas Instruments

Part # UCC28C53
Download  UCC28C53 Click to download

File Size   3387.36 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs

UCC28C53 Datasheet (HTML) - Texas Instruments


UCC28C53 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: -40⁰C to 125⁰C
– Device HBM classification level 2: ±2 kV
– Device CDM classification level C4B: 750 V
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 28-V VDD recommended max operating ratings
• Undervoltage lockout options
– Si and SiC MOSFET applications
• Operating frequency: 1 MHz
• 50-μA standby current, 75-μA maximum
• Low operating current of 1.3 mA at 52 kHz
• Fast 35-ns cycle-by-cycle over-current limiting
• ±1-A peak driving current
• Rail-to-rail output swings with 25-ns rise and 20-ns
fall times
• ±1% initial trimmed 2.5-V error amplifier reference
• Pin-to-pin compatible to UCC28C4x-Q1 and dropin
substitution

2 Applications
• OBC and DC/DC converter isolated bias power
supply
• Traction inverter HV to LV backup supply
• HVAC compressor HV isolated power supply
• Single-ended DC converters in AC and DC EV
charging equipment isolated power supply

3 Description
The UCC28C5x-Q1 family of devices are high
performance current-mode PWM controllers helping
both Si and SiC MOSFETs applications. The
UCC28C5x-Q1 family has six VDD UVLO options,
with VDD abs max extended to 30 V, and reduced
startup and operation currents. The UCC28C5x-Q1
family provides improved version of UCC28C4x-
Q1. The table below shows the comparison. The
UCC28C5x-Q1 family is offered in the 8-pin SOIC (D)
package.




Similar Part No. - UCC28C53

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 48P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 51P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED NOVEMBER 2022
UCC28C53 TI1-UCC28C53 Datasheet
3Mb / 53P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
More results


Similar Description - UCC28C53

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
BiCMOS Low-Power Current-Mode PWM Controllers
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
Low-Power BiCMOS Current-Mode PWM Controllers
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
Automotive BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C50-Q1 TI-UCC28C50-Q1 Datasheet
3Mb / 52P
UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs
JUNE 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com