Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML013X Datasheet (PDF) - Rohm

SML013X Datasheet PDF - Rohm
Part # SML013X
Download  SML013X Download
File Size   1083.5 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description SML012x/013x Series

SML013X Datasheet (PDF)

Go To PDF Page Download Datasheet
SML013X Datasheet PDF - Rohm

Part # SML013X
Download  SML013X Click to download

File Size   1083.5 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description SML012x/013x Series

SML013X Datasheet (HTML) - Rohm


SML013X Product details

■Features
• Reflector type (3.0×2.0mm, t=1.3mm)
• Reflector improved the concentration of viewing angle
and luminous intensity to the front direction




Similar Part No. - SML013X

ManufacturerPart #DatasheetDescription
logo
Rohm
SML013BDT ROHM-SML013BDT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML013BDT ROHM-SML013BDT Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML013BDT ROHM-SML013BDT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML013BDT ROHM-SML013BDT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML013BDT ROHM-SML013BDT Datasheet
120Kb / 3P
Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
More results


Similar Description - SML013X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com