Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS850-3 Datasheet (PDF) - Astec America, Inc

DS850-3 Datasheet PDF - Astec America, Inc
Part # DS850-3
Download  DS850-3 Download
File Size   100.45 Kbytes
Page   4 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 850 Watts 12V

DS850-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS850-3 Datasheet PDF - Astec America, Inc

Part # DS850-3
Download  DS850-3 Click to download

File Size   100.45 Kbytes
Page   4 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 850 Watts 12V

DS850-3 Datasheet (HTML) - Astec America, Inc




Similar Part No. - DS850-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS850-3 ARTESYN-DS850-3 Datasheet
575Kb / 4P
Distributed Power Bulk Front-End
More results


Similar Description - DS850-3

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
60 Watts, 850-960 MHz RF Power Transistor
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
650 Watts 12V
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
850 Watts 48V Distributed Power System
DS1300-3 ASTEC-DS1300-3 Datasheet
274Kb / 4P
1300 Watts 12V Distributed Power System
DS1500-3 ASTEC-DS1500-3 Datasheet
274Kb / 4P
1500 Watts 12V Distributed Power System
logo
Sparkle Power Inc.
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
500 Watts ATX12V Switching Power Supply
logo
Artesyn Technologies
DSR850-2 ARTESYN-DSR850-2 Datasheet
229Kb / 5P
850 Watts Multi-Output
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
850 Watt 12V Front End Power Supply
rev 100728
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com