Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM25 Datasheet (PDF) - Murata Manufacturing Co., Ltd

SPM25 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # SPM25
Download  SPM25 Download
File Size   840.11 Kbytes
Page   20 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters

SPM25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPM25 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # SPM25
Download  SPM25 Click to download

File Size   840.11 Kbytes
Page   20 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters

SPM25 Datasheet (HTML) - Murata Manufacturing Co., Ltd


SPM25 Product details

FEATURES
2:1 Input voltage range ( D48 = 36-75V)
1˝ x 1˝ x 0.41˝ dimensions.
Adjustable Vout (+10% to -10%)
High effi ciency
Positive & negative logic, remote on/off control
option
Monotonic startup into pre-bias output conditions
Continuous short circuit protection
Over-temperature protection
Over-voltage protection
Low output ripple and noise
Strong thermal derating characteristics
Operational temperature range –40°C to +85°C
1600V I/O isolation
Packaged in a fi ve-sided EMI shielding metal
package with non-conductive base
Certifi ed to UL 60950-1, CAN/CSA-C22.2 No.
60950-1, IEC60950-1 safety approvals, 2nd
edition, with AM1




Similar Part No. - SPM25

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPM25 MURATA-PS-SPM25 Datasheet
1Mb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
2023
SPM25-033-D48 MURATA-PS-SPM25-033-D48 Datasheet
1Mb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
2023
SPM25-050-D48 MURATA-PS-SPM25-050-D48 Datasheet
1Mb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
2023
SPM25-120-D48 MURATA-PS-SPM25-120-D48 Datasheet
1Mb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
2023
More results


Similar Description - SPM25

ManufacturerPart #DatasheetDescription
logo
Power-One
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
25 Watt DC-DC Converters
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
25 Watt DC-DC Converters
logo
RSG Electronic Componen...
CHB50 RSG-CHB50 Datasheet
93Kb / 2P
25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
Murata Manufacturing Co...
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
Single Output Isolated 25-Watt DC/DC Converters
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
Single Output Isolated 25-Watt DC/DC Converters
logo
Murata Power Solutions ...
SPM15 MURATA-PS-SPM15 Datasheet
911Kb / 36P
Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com