Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM25 Datasheet (PDF) - Murata Power Solutions Inc.

SPM25 Datasheet PDF - Murata Power Solutions Inc.
Part # SPM25
Download  SPM25 Download
File Size   1132.82 Kbytes
Page   20 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters

SPM25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPM25 Datasheet PDF - Murata Power Solutions Inc.

Part # SPM25
Download  SPM25 Click to download

File Size   1132.82 Kbytes
Page   20 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters

SPM25 Datasheet (HTML) - Murata Power Solutions Inc.


SPM25 Product details

2:1 Input voltage range ( D48 = 36-75V)
1˝ x 1˝ x 0.41˝ dimensions.
Adjustable Vout (+10% to -10%)
High effi ciency
Positive & negative logic, remote on/off control
option
Monotonic startup into pre-bias output conditions
Continuous short circuit protection
Over-temperature protection
Over-voltage protection
Low output ripple and noise
Strong thermal derating characteristics
Operational temperature range –40°C to +85°C
1600V I/O isolation
Packaged in a fi ve-sided EMI shielding metal
package with non-conductive base
Certifi ed to UL 60950-1, CAN/CSA-C22.2 No.
60950-1, IEC60950-1 safety approvals, 2nd
edition, with AM1




Similar Part No. - SPM25

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
SPM25-033-D48 MURATA1-SPM25-033-D48 Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
SPM25-033-D48NL1-C MURATA1-SPM25-033-D48NL1-C Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
SPM25-033-D48PL1-C MURATA1-SPM25-033-D48PL1-C Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
SPM25-050-D48 MURATA1-SPM25-050-D48 Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
More results


Similar Description - SPM25

ManufacturerPart #DatasheetDescription
logo
Power-One
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
25 Watt DC-DC Converters
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
25 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
Murata Manufacturing Co...
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
Single Output Isolated 25-Watt DC/DC Converters
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
Single Output Isolated 25-Watt DC/DC Converters
logo
Murata Power Solutions ...
SPM15 MURATA-PS-SPM15 Datasheet
911Kb / 36P
Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com