Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS543B22 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS543B22 Datasheet PDF - Texas Instruments
Part # TPS543B22
Download  TPS543B22 Download
File Size   779.46 Kbytes
Page   8 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control

TPS543B22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS543B22 Datasheet PDF - Texas Instruments

Part # TPS543B22
Download  TPS543B22 Click to download

File Size   779.46 Kbytes
Page   8 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control

TPS543B22 Datasheet (HTML) - Texas Instruments


TPS543B22 Product details

1 Features
• Fixed-frequency, internally compensated advanced
current mode (ACM) control
• Integrated 6.5-mΩ and 2-mΩ MOSFETs
• 4-V to 18-V input voltage range
• 0.5-V to 7-V output voltage range
• True differential remote sense amplifier (RSA)
• Three selectable PWM ramp options to optimize
the control loop performance
• Five selectable switching frequencies: 500 kHz,
750 kHz, 1 MHz, 1.5 MHz, and 2.2 MHz
• Synchronizable to an external clock
• 0.5 V, ±1% voltage reference accuracy over full
temperature range
• Selectable soft start times: 1 ms, 2 ms, 4 ms, and
8 ms
• Monotonic start-up into prebiased outputs
• Selectable current limits to support 20-A and 16-A
operation
• Enable with adjustable input undervoltage lockout
• Power-good output monitor
• Output overvoltage, output undervoltage, input
undervoltage, overcurrent, and overtemperature
protection
• –40°C to 150°C operating junction temperature
• 2.5-mm × 4.5-mm, 17-pin WQFN-HR package with
0.5-mm pitch
• Lead-free (RoHS compliant)
• Pin compatible with the TPS543A26 and
TPS543A22
• PSpice and SIMPLIS models available

2 Applications
• Wireless and wired communications infrastructure
equipment
• Optical and fiber networks
• Test and measurement
• Medical and healthcare

3 Description
The TPS543B22 is a high-efficiency 18-V, 20-A
synchronous buck converter employing an internally
compensated, fixed-frequency advanced current
mode (ACM) control architecture, which while always
operating under FCCM, generates output voltages
from 0.5 V to 7 V. The device is capable of
providing high efficiency while operating at a switching
frequency up to 2.2 MHz, making it optimal for
designs requiring a small solution size. The fixed
frequency controller can operate from 500 kHz to
2.2 MHz and can be synchronized to an external
clock using the SYNC pin. Additional features include
a high accuracy voltage reference, two-wire remote
sense, selectable soft start times, monotonic startup
into prebiased outputs, selectable current limits,
adjustable UVLO through the EN pin, and a full suite
of fault protections.
The TPS543B22 is available in a small 2.5-mm × 4.5-
mm HotRod™ WQFN-FCRLF package.




Similar Part No. - TPS543B22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543B20 TI1-TPS543B20 Datasheet
1Mb / 33P
4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543B20 TI2-TPS543B20 Datasheet
5Mb / 46P
TPS543B20 4-VIN to 19-VIN, 25-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation
REVISED MARCH 2018
TPS543B20 TI2-TPS543B20 Datasheet
6Mb / 47P
TPS543C20 4-VIN to 14-VIN, 40-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation
REVISED MAY 2018
TPS543B20 TI2-TPS543B20 Datasheet
5Mb / 47P
TPS543C20A 4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT™ Converter With Adaptive Internal Compensation
DECEMBER 2018
TPS543B20RVFR TI1-TPS543B20RVFR Datasheet
1Mb / 33P
4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
More results


Similar Description - TPS543B22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543620 TI-TPS543620 Datasheet
2Mb / 39P
TPS543620 4-V to 18-V Input, 6-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543320 TI-TPS543320 Datasheet
3Mb / 43P
TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820 TI-TPS543820 Datasheet
2Mb / 45P
TPS543820 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820E TI-TPS543820E Datasheet
2Mb / 43P
TPS543820E 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543A26 TI-TPS543A26 Datasheet
1Mb / 40P
TPS543A26 4-V to 18-V Input, 16-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
DECEMBER 2022
TPS543A22 TI-TPS543A22 Datasheet
1Mb / 43P
TPS543A22 4-V to 18-V Input, 12-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
TPSM843620 TI-TPSM843620 Datasheet
1Mb / 39P
TPSM843620 4-V to 18-V Input, 6-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843820 TI-TPSM843820 Datasheet
1Mb / 39P
TPSM843820 4-V to 18-V Input, 8-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com