Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM622 Datasheet (PDF) - ELM Electronics

ELM622 Datasheet PDF - ELM Electronics
Part # ELM622
Download  ELM622 Download
File Size   33.52 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Infrared Remote Interpreter

ELM622 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM622 Datasheet PDF - ELM Electronics

Part # ELM622
Download  ELM622 Click to download

File Size   33.52 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Infrared Remote Interpreter

ELM622 Datasheet (HTML) - ELM Electronics


ELM622 Product details

Description
The ELM622 is an interface circuit for converting infrared control codes to an eight bit serial format. This device is well suited to applications that only require occasional input from humans, or where a hidden interface is desired.

Features
• Low power CMOS design - typically 1mA at 5V
• RS232 formatted output at 9600 baud
• Hardware handshaking provided
• Signal received output for visual feedback
• Simple interface to standard receiver modules
• Works with universal TV remote transmitters
• Reset output on command
• High current drive outputs - up to 25 mA

Applications
• Alternative to keyboard interface
• Hidden security system control
• Non-contact device control for safety
• Home automation receiver




Similar Part No. - ELM622

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
ELM Technology Corporat...
ELM620BA-S ELM-TECH-ELM620BA-S Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM621 ELM-ELM621 Datasheet
38Kb / 6P
SERIAL THREE BIT PORT
More results


Similar Description - ELM622

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
INFRARED REMOTE CONTROLLERS
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
Infrared Remote Encoder
November 6, 2002
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
Infrared Remote-control
logo
Everlight Electronics C...
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
Infrared Remote Control
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
Infrared Remote Control
logo
Holtek Semiconductor In...
HT62104 HOLTEK-HT62104 Datasheet
2Mb / 14P
Infrared Remote Encoder
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
Infrared Remote Control
8????8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com