Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3683-7 Datasheet (PDF) - Monolithic Power Systems

MPM3683-7 Datasheet PDF - Monolithic Power Systems
Part # MPM3683-7
Download  MPM3683-7 Download
File Size   827.88 Kbytes
Page   26 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.7V-16V, 8A, Step-Down Power Module in QFN (7x7x4mm) Package

MPM3683-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3683-7 Datasheet PDF - Monolithic Power Systems

Part # MPM3683-7
Download  MPM3683-7 Click to download

File Size   827.88 Kbytes
Page   26 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.7V-16V, 8A, Step-Down Power Module in QFN (7x7x4mm) Package

MPM3683-7 Datasheet (HTML) - Monolithic Power Systems


MPM3683-7 Product details

FEATURES
 Wide Input Voltage Range from 2.7V
o 2.7V to 16V with External 3.3V Bias
o 4V to 16V with Internal Bias or External
3.3V Bias
 Differential Output Voltage Remote Sense
 Low RDS(ON) Integrated Power MOSFETs
 Integrated Inductor
 Proprietary Switching Loss Reduction
Technique
 Adaptive Constant-on-Time (COT) for
Ultrafast Transient Response
 Stable with Zero-ESR Output Capacitor
 0.5% Reference Voltage over 0°C to +70°C
Junction Temperature Range
 1% Reference Voltage from -40°C to
+125°C Junction Temperature Range
 Selectable Pulse Skip or Forced Continuous
Conduction Mode (CCM) Operation
 Excellent Load Regulation
 Output Voltage Tracking
 Output Voltage Discharge
 PG Active Clamped Low Level during
Power Failure
 Programmable Soft-Start Time from 1.6ms
 Pre-Bias Start-Up
 Selectable Switching Frequency from
600kHz, 800kHz, and 1000kHz
 Non-Latch OCP, UVP, UVLO, Thermal
Shutdown, and OVP
 Output Adjustable from 0.6V to up to 5.5V
Max
 Available in a QFN-28 (7mmx7mmx4mm)
Package




Similar Part No. - MPM3683-7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3683-10 MPS-MPM3683-10 Datasheet
741Kb / 24P
2.7V to 16V, 10A, Step-Down Power Module
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
More results


Similar Description - MPM3683-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
3-17V 3A Step-Down Converter in 3x3 QFN Package
logo
Monolithic Power System...
MPM3680 MPS-MPM3680 Datasheet
2Mb / 19P
18V 6A Step-Down Power Module in 12x12x4mm QFN
MPM3682 MPS-MPM3682 Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3684 MPS-MPM3684 Datasheet
1Mb / 19P
18V 15A Step-Down Power Module in 12x15x4mm QFN
MPM3686 MPS-MPM3686 Datasheet
2Mb / 19P
18V 20A Step-Down Power Module in 12x15x4mm QFN
logo
Analog Devices
MAX20828T AD-MAX20828T Datasheet
1Mb / 27P
Dual-Output 8A, 3MHz, 2.7V-16V Step Down Switching Regulator
Rev 0; 6/22
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com