Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX20828T Datasheet (PDF) - Analog Devices

MAX20828T Datasheet PDF - Analog Devices
Part # MAX20828T
Download  MAX20828T Download
File Size   1058.08 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Output 8A, 3MHz, 2.7V-16V Step Down Switching Regulator

MAX20828T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20828T Datasheet PDF - Analog Devices

Part # MAX20828T
Download  MAX20828T Click to download

File Size   1058.08 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Output 8A, 3MHz, 2.7V-16V Step Down Switching Regulator

MAX20828T Datasheet (HTML) - Analog Devices


MAX20828T Product details

General Description
The MAX20828T is a dual-output, fully integrated, highly efficient, step-down DC-DC switching regulator. The regulator is able to operate from 2.7V to 16V input supplies, and each output can be regulated from 0.5V to 5.8V, delivering up to 8A of load current per output. The two outputs can be connected in parallel as a single-output, dual-phase regulator that supports up to 16A load current.
The switching frequency of this device can be configured from 500kHz to 3.0MHz and provides the capability of optimizing the design in terms of solution size and performance.
The MAX20828T utilizes fixed-frequency, current-mode control with internal compensation. The dual-switching regulators operate 180° out-of-phase. The MAX20828T features a selectable advanced modulation scheme (AMS) to provide improved dynamic load transient performance. The device also features selectable discontinuous current mode (DCM) operation to improve light load efficiency. Operation settings and configurable features can be selected by connecting pin-strap resistors from the PGM_ pins to the ground.
The MAX20828T has an internal 1.8V LDO output to power the gate drives (VCC) and internal circuitry (AVDD). The device also has an optional LDO input pin (LDOIN), allowing connection from a 2.5V to 5.5V bias input supply for optimized efficiency.
The MAX20828T integrates multiple protections including positive and negative overcurrent protection, output overvoltage protection, and overtemperature protection to ensure a robust design.
The MAX20828T is available in a compact 3.5mm x 4.6mm FC2QFN package that supports -40°C to +125°C junction temperature operation. MAX20828T is footprint compatible with MAX20808/MAX20808T and MAX20812/MAX20812T.

Benefits and Features
•High-Power Density with Low Component Count
•Dual-Output or Dual-Phase Operation
•Single-Supply Operation with Integrated LDOfor Bias Generation
•Optional 2.5V to 5.5V External Bias forHigher Efficiency
•Compact 3.5mm x 4.6mm, 21-Pin,FC2QFN Package
•Internal Compensation
•Wide Operating Range
•2.7V to 16V Input Voltage Range
•0.5V to 5.8V Output Voltage Range
•500kHz to 3MHz Configurable Switching Frequency
•-40°C to +125°C Junction Temperature Range
•Three Pin-Strap Programming Pins to SelectDifferent Configurations
•Independent Enable and Power Good foreach Output
•Optimized Performance and Efficiency
•92.5% Peak Efficiency with VDDH = 12V,VOUT = 1.8V, and fSW = 1MHz
•Interleaved 180° Out-of-Phase Operation
•Selectable AMS to Improve Load Transient
•Selectable DCM to Improve Light Load Efficiency
•Active Current Balancing for Dual-Phase Operation

Applications
•Data Center Power
•Communications Equipment
•Networking Equipment
•Servers and Storage
•Point-of-Load Voltage Regulators




Similar Part No. - MAX20828T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX208 MAXIM-MAX208 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX208 MAXIM-MAX208 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX208 TI-MAX208 Datasheet
287Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
270Kb / 15P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX208 MAXIM-MAX208 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
More results


Similar Description - MAX20828T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524B SEMTECH-SC4524B Datasheet
770Kb / 18P
16V 2A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
Allegro MicroSystems
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
Triple Output Step-Down Switching Regulator
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
Maxim Integrated Produc...
MAX20812 MAXIM-MAX20812 Datasheet
876Kb / 26P
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
Rev 1; 3/21
MAX20808 MAXIM-MAX20808 Datasheet
1Mb / 27P
Dual-Output 4A, 3MHz, 2.7V??6V Step-Down Switching Regulator
19-101082; Rev 0; 5/21
logo
Monolithic Power System...
MPM3683-7 MPS-MPM3683-7 Datasheet
827Kb / 26P
2.7V-16V, 8A, Step-Down Power Module in QFN (7x7x4mm) Package
7/27/2020
logo
Analog Devices
MAX20810 AD-MAX20810 Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Analog Devices
MAX20815 AD-MAX20815 Datasheet
885Kb / 23P
15A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101637; Rev 0; 8/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com