Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H9530 Datasheet (PDF) - Hamamatsu Corporation

H9530 Datasheet PDF - Hamamatsu Corporation
Part # H9530
Download  H9530 Download
File Size   135.91 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY

H9530 Datasheet (PDF)

Go To PDF Page Download Datasheet
H9530 Datasheet PDF - Hamamatsu Corporation

Part # H9530
Download  H9530 Click to download

File Size   135.91 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY

H9530 Datasheet (HTML) - Hamamatsu Corporation


H9530 Product details

Photomultiplier Tube with Active Divider Circuit

Linear Array Multianode PMT Assembly, 8-Channel(H9530 series) / 16-Channel(H10515B series) / 32-Channel(H7260 series)



FEATURES

● High Cathode Sensitivity Luminous 500 µA/lm Typ. (-20 Type)

● Effective Area per Channel

    H9530 Series ............. 2.0 mm ×2.5 mm ×8 Anodes

    H10515B Series ........ 0.8 mm ×16 mm ×16 Anodes

    H7260 Series ............. 0.8 mm ×7 mm ×32 Anodes

● High Speed Response:

    H9530 Series Rise Time 0.7 ns Typ.

    H10515B Series, H7260 Series Rise Time 0.6 ns Typ.

● Good Anode Uniformity (H9530 Series) 1:1.1 Typ. (at -1000 V and peak wavelength)

● Low Cross-talk (H9530 Series) 0.1 % Typ. (each channel) Black slit faceplate used

● Built In Preamplifier and High Voltage Power Supply Circuit (Module Types)



APPLICATIONS

● Biomedical Fluorescence Detection

● Laser Scanning Detection

● Spectroscopy

● Environmental Monitoring




Similar Part No. - H9530

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H9530-01 HAMAMATSU-H9530-01 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H9530-20 HAMAMATSU-H9530-20 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
More results


Similar Description - H9530

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1290 SANYO-LB1290 Datasheet
51Kb / 2P
8-Channel Driver Array
LB1291 SANYO-LB1291 Datasheet
56Kb / 2P
8-Channel Driver Array?
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com