Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8711 Datasheet (PDF) - Hamamatsu Corporation

H8711 Datasheet PDF - Hamamatsu Corporation
Part # H8711
Download  H8711 Download
File Size   86.82 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY

H8711 Datasheet (PDF)

Go To PDF Page Download Datasheet
H8711 Datasheet PDF - Hamamatsu Corporation

Part # H8711
Download  H8711 Click to download

File Size   86.82 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY

H8711 Datasheet (HTML) - Hamamatsu Corporation


H8711 Product details

4 ×4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type



FEATURES

●4 ×4 Multianode, Anode Size: 4.2 mm ×4.2 mm / Anode

●Effective Area: 18.1 mm ×18.1 mm

●High Speed Response

●Low Cross-talk: 1 % Typ.

●High Cathode Sensitivity

Luminous 200 µA/lm Typ. (-01 Type)

Luminous 500 µA/lm Typ. (-20 Type)

●Weight: Approx. 50 g




Similar Part No. - H8711

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
220Kb / 4P
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
H8711 HAMAMATSU-H8711 Datasheet
220Kb / 4P
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
H8711-01 HAMAMATSU-H8711-01 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711-01 HAMAMATSU-H8711-01 Datasheet
220Kb / 4P
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
More results


Similar Description - H8711

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
H11432 HAMAMATSU-H11432 Datasheet
92Kb / 2P
PHOTOMULTIPLIER TUBE ASSEMBLY
H13175U HAMAMATSU-H13175U_15 Datasheet
130Kb / 2P
PHOTOMULTIPLIER TUBE ASSEMBLY
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com