Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8711 Datasheet (PDF) - Hamamatsu Corporation

H8711 Datasheet PDF - Hamamatsu Corporation
Part # H8711
Download  H8711 Download
File Size   220.73 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode

H8711 Datasheet (PDF)

Go To PDF Page Download Datasheet
H8711 Datasheet PDF - Hamamatsu Corporation

Part # H8711
Download  H8711 Click to download

File Size   220.73 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode

H8711 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - H8711

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
220Kb / 4P
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
H8711-01 HAMAMATSU-H8711-01 Datasheet
166Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711-01 HAMAMATSU-H8711-01 Datasheet
220Kb / 4P
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
More results


Similar Description - H8711

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-13 HAMAMATSU-H8711-13_10 Datasheet
220Kb / 4P
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R464 HAMAMATSU-R464_15 Datasheet
46Kb / 2P
For Photon Counting 5 mm 횞 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
logo
Laird Tech Smart Techno...
POE-HP-XXI LSTD-POE-HP-XXI Datasheet
814Kb / 2P
Minimum cross talk and insertion loss
logo
Hamamatsu Corporation
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com