Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USS810 Datasheet (PDF) - Agere Systems

USS810 Datasheet PDF - Agere Systems
Part # USS810
Download  USS810 Download
File Size   238.75 Kbytes
Page   14 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description USB 2.0 Full-Speed/Low-Speed Transceiver

USS810 Datasheet (PDF)

Go To PDF Page Download Datasheet
USS810 Datasheet PDF - Agere Systems

Part # USS810
Download  USS810 Click to download

File Size   238.75 Kbytes
Page   14 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description USB 2.0 Full-Speed/Low-Speed Transceiver

USS810 Datasheet (HTML) - Agere Systems


USS810 Product details

Description
Agere’s USS810 is a Universal Serial Bus (USB) transceiver that is fully compliant with the Universal Serial Bus Specification Rev. 2.0. The USS810 can transmit and receive serial data at full-speed (12 Mbits/s) and low-speed (1.5 Mbits/s) data rates and, therefore, can be used as either a USB device transceiver or a USB host transceiver.

Features
■ Complies with Universal Serial Bus Specification Rev. 2.0.
■ Can be used as a USB device transceiver or a USB host transceiver.
■ Supports full-speed (12 Mbits/s) and low-speed (1.5 Mbits/s) serial data rates.
■ Includes two single-ended receivers with hysteresis.
■ Low-power operation helps maximize battery life of portable electronic devices.
■ Available in a small MLCC16 package measuring 3 mm x 3 mm. (A lead-free package is also available. See Ordering Information on page 14.)
■ Supports a digital I/O voltage range from 1.75 V to 3.3 V.
■ Supports the full industrial operating temperature range, −40 °C to +85 °C.

Suitable Applications
Portable electronic devices, such as the following:
■ Mobile phone
■ Digital still camera
■ Personal digital assistant (PDA)
■ Information appliances




Similar Part No. - USS810

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS820D-DB AGERE-USS820D-DB Datasheet
868Kb / 58P
USS-820D USB Device Controller
Rev. 4 June 2001
USS820FD AGERE-USS820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
USS820TD-DB AGERE-USS820TD-DB Datasheet
868Kb / 58P
USS-820D USB Device Controller
Rev. 4 June 2001
More results


Similar Description - USS810

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
logo
STMicroelectronics
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
USB-OTG Full-speed Transceiver
17-Oct-2006
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
USB-OTG Full-speed Transceiver
17-Oct-2006
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
C-Media Electronics
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
USB 2.0 full speed-compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com